Electronic Components Datasheet Search
  English  ▼

X  

MP2040 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2040 Datasheet HTML 1Page - Monolithic Power Systems MP2040 Datasheet HTML 2Page - Monolithic Power Systems MP2040 Datasheet HTML 3Page - Monolithic Power Systems MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2040
Fast Transient Response, 3A Dual Supply
Very Low Dropout Linear Regulator
MP2040 Rev.1.0
www.MonolithicPower.com
1
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2040 is a very low dropout, dual supply
linear regulator. The use of two supplies allows
the BIAS to control an NMOS device. The
NMOS device supplies power to the load via
the IN. In this way the input supply can be just
above the desired output, yet still provide very
good regulation performance due to the higher
bias supply. The BIAS operates from a 3.3V to
5.5V input and regulates the output voltage to
as low as 0.9V, and as high as 3.3V.
The MP2040 can supply up to 3A of load
current with a typical dropout voltage of 150mV.
The BIAS runs the internal reference and drive
circuitry, while the output current comes directly
from the IN for high efficiency regulation.
Other features of MP2040 include thermal
overload and current limit protection, power
good indicator, stability with ultra low ESR
ceramic capacitors as low as 1uF, and fast
transient response. The MP2040 is available in
10-pin QFN (3mm x 3mm), and in QFN (5mm x
5mm) packages.
FEATURES
• Wide 1.1V to 5V Input Voltage Range
• Stable with Very Small Ceramic Capacitors
• 150mV Dropout at 3A Output
• 2% Accurate Output Voltage
• Adjustable Output Range of 0.9V to 3.3V
• Low Noise: 80µVRMS (10Hz to 100kHz)
• Very fast transient response
• PSRR
o
40dB at 100kHz
• Better Than 0.001%/mA Load Regulation
• Stable With Low-ESR Output Capacitors
• Internal Thermal Protection
• Current Limit Protection
• 0.1µA
Typical
Quiescent
Current
at
Shutdown
• Power Good Indicator
APPLICATIONS
• Industrial Process & Control Equipment
• Telecom Equipment
• PAID Storage
• DSP/ASIC/µC Post Regulation for Switching
Power Supplies
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C6
10nF
U1
IN
OUT
OUT
FB
EN
BP
IN
BIAS
PG
GND
MP2040
5
3
1
8
9
6
10
7
2
4
VIN
BIAS
PGOOD
GND
C8
1nF
EN
VOUT
1.2V/3A


Similar Part No. - MP2040

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP200 CTS-MP200 Datasheet
133Kb / 5P
Quartz Crystal
logo
PANDUIT CORP.
MP200 PANDUIT-MP200 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
MP200 PANDUIT-MP200 Datasheet
1Mb / 8P
PXE™ SERIES Mobile Printer
MP200 PANDUIT-MP200 Datasheet
1Mb / 17P
Identification Solutions for Harsh Environments
05/2022
MP200 PANDUIT-MP200 Datasheet
915Kb / 5P
PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
08/2022
More results

Similar Description - MP2040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3150 LINER-LT3150 Datasheet
263Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
3A Fast Response Ultra Low Dropout Linear Regulator
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2030 MPS-MP2030 Datasheet
402Kb / 12P
3A Dual Supply Very Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
3A Fast Response Ultra Low Dropout Linear Regulator
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
3A Fast Response Ultra-Low Dropout Linear Regulator
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com