Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3418 Datasheet HTML 1Page - Monolithic Power Systems MP3418 Datasheet HTML 2Page - Monolithic Power Systems MP3418 Datasheet HTML 3Page - Monolithic Power Systems MP3418 Datasheet HTML 4Page - Monolithic Power Systems MP3418 Datasheet HTML 5Page - Monolithic Power Systems MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
3
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 1.8V, VOUT = 3.3V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Minimum Startup Voltage
VST
0.8
1.0
V
Operating Input Voltage
VIN
0.6
4
V
Output Voltage Adjust Range
VOUT
1.8
4.0
V
Quiescent Current
IQNS
VEN=VIN=1.8V, VOUT=3.3V, no load,
Measured on OUT pin
38
50
A
Shutdown Current
ISD
VEN=VOUT=0V, Measured on IN pin
0.1
1
A
IN Under-Voltage Lockout
VUVLO
VIN Rising
0.4
0.5
0.6
V
Operation Frequency
fSW
1.0
1.2
1.4
MHz
Feedback Voltage
VFB
1.19
1.21
1.23
V
Feedback Input Current
IFB
VFB=1.25V
1
50
nA
NMOS On-Resistance
RNDS_ON
110
m
NMOS Leakage Current
IN_LK
VSW=6.5V
0.1
1
A
PMOS On-Resistance
RPDS_ON
120
m
PMOS Leakage Current
IP_LK
VSW=6.5V, VOUT=0V
0.1
1
A
Maximum Duty Cycle
DMAX
85
90
%
Startup Current Limit
IST_LIMIT
200
mA
NMOS Current Limit
ISW_LIMIT
300
400
500
mA
EN Input High Level
VEN_H
0.7
V
EN Input Low Level
VEN_L
0.1
V
EN Input Current
IEN
Connect to VIN
0.6
1.2
2
uA
Thermal Shutdown
(5)
150
°C
Over Temperature Hysteresis
(5)
20
°C
Notes:
5)Guaranteed by design, not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com