Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems MP3418 Datasheet HTML 10Page - Monolithic Power Systems MP3418 Datasheet HTML 11Page - Monolithic Power Systems MP3418 Datasheet HTML 12Page - Monolithic Power Systems MP3418 Datasheet HTML 13Page - Monolithic Power Systems MP3418 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
10
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
monitoring circuit and error amplifier with loop
compensation for peak-current– mode control
remain active.
The output ripple, which is usually around 1%
peak to peak, can be reduced by increasing the
output capacitance and also by adding a small
feed-forward capacitance (around 5.6pF).
The MP3418 operates from PSM to PWM mode
depending on the load, which varies with the
input voltage, inductor value, and the output
capacitor value.
Under-Voltage Lockout
Under-voltage lockout prevents device startup
when VIN falls below 0.5V while in operation and
the battery is being discharged.
Error Amplifier
The error amplifier (EA) is an internally-
compensated amplifier. The EA compares the
internal 1.21V reference voltage against VFB to
generate an error signal. The output voltage of
MP3418 could be adjusted from 1.8V to 4V by
connecting FB to the tap of an external voltage
divider from VOUT to ground, as per the following
equation:
R1
OUT
R2
V
1.21V (1
)
=
×
+
(1)
Set R1 and R2 as large as possible to achieve
a low quiescent current. Usually, select an R1
value larger than 300k for good stability and
transient balance.
Current Sensing
Lossless current sensing converts the NMOS
switch current signal to a voltage that can be
summed with the internal slope compensator.
The difference between this summed signal and
the error amplifier output provides control over
the peak current through the PWM. Peak switch
current is limited to approximately 400mA,
independent of input or output voltage. The
switching current signal is blanked for 60ns to
enhance noise rejection.
Thermal Protection
The device has an internal temperature monitor
If the die temperature exceeds 150°C, the
switches turn off. Once the output drops below
1.7V, it will turn on..
Output Disconnect and Inrush Limiting
The MP3418 is designed to allow true output
disconnect by eliminating the internal PMOS
rectifier’s body diode conduction. This feature
allows VOUT to go to 0V during shutdown and
draw 0A from the input source. It also allows for
inrush
current
limiting
at
start-up,
which
minimizes surge currents at the input supply.
Note
that
to
optimize
output
disconnect,
exclude the external Schottky diode between
SW and VOUT.
To minimize voltage overshoot on the SW pin
due to stray inductance, keep the output filter
capacitor as close as possible to the VOUT pin
and use very low ESR/ESL ceramic capacitors
tied to a clean ground plane.
Short-Circuit Protection
Unlike most step-up converters, the MP3418
allows for short circuits on the output. In the
event of a short circuit, the device first turns off
the NMOS when the sensed current reaches
the current limit. The device then enters a linear
charge period with the current limited as with
the start-up period. In addition, the thermal
regulation circuit further controls the input
current if the die temperature rises above
150°C.
Down Mode (VIN>VOUT) Operation
The MP3418 will continue to regulate the output
voltage even when the input voltage exceeds
the
output
voltage.
This
is
achieved
by
terminating the switching at the synchronous
PMOS and applying VIN statically on its gate.
This ensures that the slope of the inductor
current will reverse while current flows to the
output. Since the PMOS no longer acts as a
low-impedance switch in this mode, power
dissipation increases within the IC to cause a
sharp drop in efficiency. Limit the maximum
output
current
to
maintain
an
acceptable
junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com