Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3418 Datasheet HTML 3Page - Monolithic Power Systems MP3418 Datasheet HTML 4Page - Monolithic Power Systems MP3418 Datasheet HTML 5Page - Monolithic Power Systems MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems MP3418 Datasheet HTML 10Page - Monolithic Power Systems MP3418 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
7
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
IN
Input Supply. Requires bypass capacitor.
2
OUT
Output Node. Source of the internal synchronous rectifier. Place the output capacitor as
close as possible between OUT and PGND.
3
SW
Output Switch Node. Connect the inductor to SW to complete the step-up converter.
4
PGND
Power Ground. Reference ground of the regulated output voltage.
5
NC
No Connection.
6
AGND
Analog Ground.
7
FB
Feedback. Connect to the tap of an external resistive voltage divider from the output to
FB to set the output voltage.
8
EN
Enable input. Turns regulator on (VEN>0.7V) or off (VEN<0.1V). Don’t apply a voltage
greater than 6.5V to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com