Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems MP3418 Datasheet HTML 10Page - Monolithic Power Systems MP3418 Datasheet HTML 11Page - Monolithic Power Systems MP3418 Datasheet HTML 12Page - Monolithic Power Systems MP3418 Datasheet HTML 13Page - Monolithic Power Systems MP3418 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
12
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB Layout Considerations
Layout is important, especially for switching
power supplies with high switching frequencies;
poor layout results in reduced performance,
EMI problems, resistive loss, and even system
instability.
Following the rules below can help ensure a
stable layout design:
1. Place a decoupling capacitor (>100nF) as
close as possible from VOUT to PGND. Avoid
placing vias between the OUT pin and the
output capacitor to reduce spikes on the SW
node and improve EMI performance.
2. Place the input capacitor, output capacitor,
and inductor as close to the IC as possible
with a short and wide trace.
3. Place the feedback divider resistors as
close as possible to the control GND
(AGND) pin.
4. Use a large copper GND area to lower the
die temperature.
Figure 2 shows the recommended component
placement for the MP3418.
EN
FB
SW
PGND
IN
OUT
NC
AGND
Via
MP 3418
Bottom Layer
Top Layer
Put this Decoupling Cap
close to OUT and GND
Via
Vin
GND
Vout
Figure 2: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com