Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3418 Datasheet HTML 5Page - Monolithic Power Systems MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems MP3418 Datasheet HTML 10Page - Monolithic Power Systems MP3418 Datasheet HTML 11Page - Monolithic Power Systems MP3418 Datasheet HTML 12Page - Monolithic Power Systems MP3418 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
9
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3418 is a 1.2MHz, synchronous, step-
up converter housed in a compact TSOT23
package with true output disconnect. Able to
operate at low-input voltages of less than 0.8V,
the device features fixed-frequency current-
mode PWM control for exceptional line and load
regulation.
Internal
soft-start
and
loop
compensation simplify the design process and
minimize the external components. The internal
low-RDS(ON) MOSFETs combined with Power
Save Mode operation enable the device to
maintain high efficiency over a wide current-
load range.
Synchronous Rectifier
The MP3418 integrates an N-channel and a P-
channel MOSFET to realize a synchronous
rectifier. Replacing the traditional Schottky
diode with a low-RDS(ON) PMOS improves
efficiency.
In
a
conventional
synchronous
rectifier, the PMOS body diode is forward-
biased, and the current flows from VIN to VOUT.
The MP3418 allows for true output disconnect
by eliminating the body diode, and prevents
battery depletion when the converter shuts
down. To prevent excessive inductor current,
the PMOS synchronous rectifier only functions
when VOUT > (VIN +200mV).
Start-Up
When EN is on, the MP3418 starts up with a
linear charge period. During this linear charge
period, the rectifier PMOS turns on until the
output capacitor charges to VIN–200mV; the
PMOS current is limited during this period to
around 200mA to avoid inrush current. This
circuit also helps to limit the output current
under short circuit conditions.
After the linear charging period, the device
starts switching. If VOUT remains below 1.7V, the
part then works in free-running mode; in this
mode, the device works in open loop first at a
variable frequency then at a fixed 500kHz
switching frequency, the duty cycle depends on
the input-output ratio, and the switching current
is limited to 400mA to avoid the start-up current
inrush.
The internal soft-start (SS) does not take
charge and continues to rise following the FB
voltage during the linear charging and free-
running
period.
Once
the
output
voltage
reaches 1.7V, the normal closed-loop operation
initiates, VOUT starts to rise under the control of
SS. It then works either in boost mode or down
mode depending on VIN and VOUT. Table 1 lists
the operation modes during start up.
Table 1: Operation Mode during Start-Up
Sequence
VOUT <Vin-200mV & VOUT <1.7V
Linear Charge
VOUT ≥Vin-200mV & VOUT <1.7V
Free Running
VOUT <Vin+200mV & VOUT ≥1.7V
Down mode
VOUT >Vin+200mV & VOUT ≥1.7V
Boost Mode
In normal mode, when VOUT>VIN+200mV, the
MP3418 powers itself from VOUT instead of VIN.
This allows the battery voltage to drop to as low
as 0.6V without affecting the circuit operation.
The battery supplies sufficient energy to the
output and becomes the only limiting factor in
the application.
Device Enable
The device operates when EN is high (>0.7V). It
enters shutdown mode when EN is set to low
(<0.1V). In shutdown mode, the regulator stops
switching and halts all internal control circuitry
and eliminate body-diode conduction of the
internal PMOS rectifier. This isolates the load
from the input, and means that the output
voltage can drop below the input voltage during
shutdown.
Power-Save Mode
The MP3418 automatically enters power-save
mode (PSM) when the load decreases, and
resumes PWM mode when the load increases.
In PSM, the converter only operates when the
output voltage falls below the set threshold, and
ramps up by several pulses with the same
switching frequency as PWM mode. It resumes
power-save mode once the output voltage
exceeds the high threshold. PSM requires
fewer circuit resources than PWM mode. All
unused circuitry is disabled, so as to reduce
quiescent
power
dissipation
as
well
as
switching power loss. The OUT pin voltage-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com