Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems MP3418 Datasheet HTML 10Page - Monolithic Power Systems MP3418 Datasheet HTML 11Page - Monolithic Power Systems MP3418 Datasheet HTML 12Page - Monolithic Power Systems MP3418 Datasheet HTML 13Page - Monolithic Power Systems MP3418 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP3418 – 400mA, 1.2MHz, SYNCHRONOUS, STEP-UP CONVERTER WITH OUTPUT DISCONNECT
MP3418 Rev 1.0
www.MonolithicPower.com
11
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Input Capacitor Selection
Low
ESR
input
capacitors
reduce
input
switching noise and reduce the peak current
drawn from the battery. It follows that ceramic
capacitors are also a good choice for input
decoupling and should be located as close as
possible to the device. Add a ceramic capacitor
larger than 4.7µF in parallel with a 100nF
ceramic capacitor close to the IC.
Output Capacitor Selection
The output capacitor requires a minimum
capacitance value of 10µF at the programmed
output voltage to ensure stability over the full
operating range. A higher capacitance value
may be required to lower the output ripple and
also
the
transient
response.
Low
ESR
capacitors, such as X5R- or X7R-type ceramic
capacitors, are recommended. Assuming that
the ESR is zero, estimate the minimum output
capacitance to support the ripple in the PWM
mode as.
O
OUT(MAX)
IN(MIN)
O
S
OUT(MAX)
I
(V
V
)
C
f
V
∆V
×
−
≥
×
×
(2)
Where,
VOUT(MAX) = Maximum output voltage
VIN(MIN) = Minimum Input voltage
IO=Output current
fS = Switching frequency
∆V= Acceptable output ripple
Additional output capacitance may also be
required for applications where VIN≈VOUT to
reduce ripple in PSM mode and to ensure
stability in PWM mode, especially at higher
output load currents.
Inductor Selection
The MP3418 can use small surface-mount
inductors due to its 1.2MHz switching frequency.
Inductor values between 4.7µH and 10µH are
suitable for most applications. Larger values of
inductance will allow slightly greater output
current capability (and lower the PSM threshold)
by
reducing
the
inductor
ripple
current.
Increasing the inductance above 10µH will
increase component size while providing little
improvement in output current capability. The
minimum inductance value is given by:
IN(MIN)
OUT(MAX)
IN(MIN)
OUT(MAX)
L
S
V
(V
V
)
L
2 V
∆I
f
×
−
≥
×
×
×
(3)
Where ∆IL is the acceptable inductor current
ripple
The inductor current ripple is typically set at
30% to 40% of the maximum inductor current.
High-frequency ferrite-core inductor materials
reduce frequency-dependent power losses and
improve
efficiency
compared
to
cheaper
powdered-iron cores. The inductor should have
low DCR (inductor series resistance without
saturated windings) to reduce the resistive
power loss; further reducing the DCR will
significantly
improve
efficiency
when
DCR<<RDS-ON. Select a large-enough saturation
current (ISAT) to support the current peak.
The device enters PSM at a load that borders
continuous and discontinuous PWM operation,
which means the averaged inductor current
(IAVG) is equal to half of the inductor current
ripple (∆IL). So a larger inductor may lead to a
lower PSM enter level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com