Electronic Components Datasheet Search
  English  ▼

X  

MP3418 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3418
Description  400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3418 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3418 Datasheet HTML 1Page - Monolithic Power Systems MP3418 Datasheet HTML 2Page - Monolithic Power Systems MP3418 Datasheet HTML 3Page - Monolithic Power Systems MP3418 Datasheet HTML 4Page - Monolithic Power Systems MP3418 Datasheet HTML 5Page - Monolithic Power Systems MP3418 Datasheet HTML 6Page - Monolithic Power Systems MP3418 Datasheet HTML 7Page - Monolithic Power Systems MP3418 Datasheet HTML 8Page - Monolithic Power Systems MP3418 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3418
400mA, 1.2MHz, Synchronous, Step-up
Converter with Output Disconnect
MP3418 Rev 1.0
www.MonolithicPower.com
1
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MP3418 is a high-efficiency, synchronous,
current–mode, step-up converter with output
disconnect.
The MP3418 can start up from an input voltage
as low as 0.8V to provide inrush current limiting,
and
output
short-circuit
protection.
The
integrated, P-channel, synchronous rectifier
improves efficiency and eliminates the need for
an
external
Schottky
diode.
The
PMOS
disconnects the output from the input when the
part shuts down. This output disconnect feature
allows the output to be completely discharged,
thus allowing the part to draw less than 1 A in
shutdown mode.
The 1.2MHz switching frequency allows for
smaller external components, while the internal
compensation and the soft-start minimize the
external component count: these feature help to
produce a compact solution for a wide current
load range.
The MP3418 is available in a small 8-pin
TSOT23 package.
FEATURES
•
Up to 96% Efficiency
•
0.8V Low Voltage Start-Up
•
0.6V-to-4V Input Range
•
1.8V-to-4V Output Range
•
Internal Synchronous Rectifier
•
1.2MHz Fixed-Frequency Switching
•
Typical 38µA Quiescent Current
•
Typical 0.1µA Shutdown Current
•
Current-Mode Control with Internal
Compensation
•
True Output Disconnect from Input
•
VIN>VOUT Down Mode Operation
•
High Efficiency under Light-Load Conditions
•
Very Small External Components
•
Inrush Current Limiting and Internal Soft-
Start
•
Over-Voltage Protection
•
Short-Circuit Protection
•
TSOT23-8 Package
APPLICATIONS
•
Battery-Powered Products
•
Personal Medical Devices
•
Portable Media Players
•
Wireless Peripherals
•
Handheld Computers and Smartphones
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - MP3418

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3418GJ MPS-MP3418GJ Datasheet
507Kb / 6P
400mA, 1.2MHz Sychronous Boost Converter Evaluation Board
More results

Similar Description - MP3418

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3 Datasheet
240Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
1.2MHz Synchronous Step-Up Converter
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com