Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5003 Datasheet HTML 1Page - Monolithic Power Systems MP5003 Datasheet HTML 2Page - Monolithic Power Systems MP5003 Datasheet HTML 3Page - Monolithic Power Systems MP5003 Datasheet HTML 4Page - Monolithic Power Systems MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
3
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.3V, RLIMIT=24Ω, COUT= 10μF, TJ=25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay Time
tDLY
Enabling of chip to
ID=100mA with a 12Ω
resistive load
0.2
ms
ON Resistance
RDSon
TJ=+25°C
44
82
mΩ
TJ=+80°C, Note 4
95
Off State Output Voltage
VOFF
Enable=0V,RL=500Ω
120
mV
Thermal Latch
Shutdown Temperature
TSD
Note 4
175
°C
Under/Over Voltage Protection
Output Clamping Voltage
VCLAMP
Overvoltage Protection
VIN = 6V
3.63
4.03
4.43
V
Under Voltage Lockout
VUVLO
Turn on,
Voltage going high
2.15
2.35
2.5
V
Under Voltage Lockout (UVLO)
Hysteresis
VHYST
100
400
mV
Current Limit
Short Circuit Current Limit
(Hold Current)
ILIM
RLIMIT=24Ω, Note 4
1.2
1.55
1.9
A
Trip Current
ILIM-OL
RLIMIT=24Ω, Note 4
2.0
2.5
3.0
A
dv/dt Circuit
Rise Time
Tr
Float dv/dt pin, Note 5
0.64
1.1
2.0
ms
Enable/Fault
Low Level Input Voltage
VIL
Output Disabled
0.5
V
High Level Input Voltage
VIH
Output Enabled
2.5
V
High State Maximum Voltage
VI (MAX)
3.25
V
Low Level Input Current (Sink)
IIL
VENABLE=0V
-55
-75
μA
Maximum Fanout for Fault Signal
Total number of chips that
can be connected for
simultaneous shutdown
5
Units
Maximum Voltage on Enable Pin
VMAX
Note 6
VIN
V
Total Device
Bias Current
IBIAS
Device Operational
1.5
2.0
mA
Thermal Shutdown
0.9
Minimum Operating Voltage for
UVLO
VMIN
Enable<0.5V
2.0
V
Notes:
4) Guaranteed by design.
5) Measured from 10% to 90%.
6) Maximum Input Voltage to be≤6V if VIN ≥ 6V. Maximum Input Voltage to be VIN if VIN ≤ 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com