Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems MP5003 Datasheet HTML 10Page - Monolithic Power Systems MP5003 Datasheet HTML 11Page - Monolithic Power Systems MP5003 Datasheet HTML 12Page - Monolithic Power Systems MP5003 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
12
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
At time T4 the part has cooled down below the
thermal hysteresis level. The enable pin goes
high and the part turns on again. But the short is
still present, causing the die temperature to
increase. At time T5 the power device turns off
and the Enable/Fault pin is driven to the low
level, again. The temperature begins to fall.
The cycle between times T3, T4 and T5 could
repeat indefinitely, but at time T6 the short is
removed. At time T7 the die temperature is below
the thermal hysteresis level and the part turns on
once again. This time there is no short, so the
output starts in normal operation and the die
temperature cools down to the normal operating
range.
PCB LAYOUT
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference.
Place Rlimit close to Ilimit pin, Cdv/dt close to
dv/dt pin and input cap close to VIN (Exposed
Pad). Keep the N/C pin float. Put vias in thermal
pad and ensure enough copper area near VIN
and
VOUT
to
achieve
better
thermal
performance.
Top Layer
Bottom Layer
Figure 4—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com