Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems MP5003 Datasheet HTML 10Page - Monolithic Power Systems MP5003 Datasheet HTML 11Page - Monolithic Power Systems MP5003 Datasheet HTML 12Page - Monolithic Power Systems MP5003 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
9
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
CURRENT LIMIT
The desired current limit is a function of the
external current limit resistor.
Table 1—Current Limit vs. Current Limit Resistor
(VIN=3.3V)
Current Limit
Resistor
(Ω)
13
24
50
100
Trip Current
(A)
4
2.5
1.7
1.37
Hold Current
(A)
3.2
1.55
0.77
0.37
When the part is active, if load reaches trip
current (minimum threshold current triggering
overcurrent protection) or a short is present, the
part switches into to a constant-current (hold
current) mode. Part will enter thermal cycling only
if the overcurrent condition stays long enough to
trigger thermal protection.
However, when the part is powered up by VCC or
EN, the load current should be smaller than hold
current. Otherwise, the part can’t be fully turned
on.
In a typical application using a current limit
resistor of 24Ω, the trip current will be 2.5A and
the hold current will be 1.55A. If the device is in
its normal operating state and passing 1.5A it will
need to dissipate only 99mW with the very low on
resistance of 44mΩ. For the package dissipation
of 50°C/Watt, the temperature rise will only be +
5°C. Combined with a 25°C ambient, this is only
30°C total package temperature.
During a short circuit condition, the device now
has 3.3V across it and the hold current clamps at
1.55A and therefore must dissipate 5W. At
50°C/watt, if uncontrolled, the temperature would
rise above the thermal protection threshold
(+175°C) and the device will shutdown to cause
the temperature to drop.
Proper heat sink must be used if the device is
intended to supply the hold current and not
shutdown. Without a heat sink, hold current
should be maintained below 909mA at + 25°C
and below 545mA at +85°C to prevent the device
from activating the thermal shutdown feature.
RISE TIME
The rise time is a function of the capacitor
(Cdv/dt) on the dv/dt pin.
Table 2—Rise Time vs. Cdv/dt
Cdv/dt
none
50pF
500pF
1nF
Rise Time
(TYPICAL)
(ms)
1.1
2.2
12.3
23.5
* Notes: Rise Time = K
RT*(50pF+Cdv/dt), KRT =22E6
The “rise time” is measured by from 10% to 90%
of output voltage.
U
90%
10%
Rise Time
t
Input
Output
Enable
Figure 2—Rise Time
FAULT AND ENABLE PIN
The Enable/Fault Pin is a Bi-Directional I/O with a
weak pull up current (25uA typical). It functions to
enable/disable the part.
Enable pin as an input:
1. Low disables the part.
2. High enables the part.
Enable pin as an output:
1. The pull up current may (if not over
ridden) allow a “wired nor” pull up to
enable the part.
2. An under voltage will cause a low on the
enable pin.
3. A thermal fault will cause a low level on
the enable pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com