Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5003 Datasheet HTML 2Page - Monolithic Power Systems MP5003 Datasheet HTML 3Page - Monolithic Power Systems MP5003 Datasheet HTML 4Page - Monolithic Power Systems MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems MP5003 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
6
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=3.3V, VEN=3.3V, RLIMIT=24Ω, COUT=10μF, Cdv/dt=1nF, TA=25°C, unless otherwise noted.
VOUT
2V/div
IOUT
1A/div
2ms/div
Inrush Current with Different
Load Capacitance
No Cdv/dt
Trip Current with Ramped
Load on Enabled Device
No Cdv/dt
EN
2V/div
IOUT
500mA/div
1ms/div
Turn on Delay and Rise Time
Cdv/dt=1nF
COUT=10uF,no load
VOUT
2V/div
EN
2V/div
10ms/div
Turn on Delay and Rise Time
No Cdv/dt
COUT=10uF,no load
VOUT
2V/div
EN
2V/div
1ms/div
Turn off Delay and Fall Time
No Cdv/dt
COUT=10uF,no load
VOUT
2V/div
EN
2V/div
10ms/div
VOUT
2V/div
EN
2V/div
1ms/div
10ms/div
Short Circuit Current,
Device Enabled into Short
No Cdv/dt
EN
2V/div
IOUT
1A/div
100us/div
IOUT
1A/div
400ms/div
Short Circuit Current,
Device Enabled into Short,
Thermal Shut down, and
Auto Start Up
EN Floating, No Cdv/dt
EN
2V/div
IOUT
1A/div
VOUT
2V/div
EN
2V/div
IOUT
1A/div
2200uF
1000uF
470uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com