Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5003 Datasheet HTML 1Page - Monolithic Power Systems MP5003 Datasheet HTML 2Page - Monolithic Power Systems MP5003 Datasheet HTML 3Page - Monolithic Power Systems MP5003 Datasheet HTML 4Page - Monolithic Power Systems MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
5
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.3V, VEN=3.3V, RLIMIT=24Ω, COUT=10μF, Cdv/dt=1nF, TA=25°C, unless otherwise noted.
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.5
3
3.5
4
INP UT VOL T AG E (V)
LOAD CURRENT(A)
Supply Current,Output Enabled
vs.Input Voltage
No load, EN floating
Supply Current,Output Disabled
vs.Input Voltage
VEN=0V
0.75
0.8
0.85
0.9
0.95
2.5
3
3.5
4
INP UT V OL T AG E (V )
Static Drain-Source On-State
Resistance vs. Input Voltage
IOUT=1A
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
0
20
40
60
80
100
120
140
0
0 .5
1
1 .5
2
2 .5
2.3
2.4
2.5
2.6
2.7
2.8
2.5
3
3.5
4
1.4
1.5
1.6
1.7
1.8
2.5
3
3.5
4
Current Limit Response
vs. Peak Current
No Cout
4
10
16
22
28
3
8
13
18
PEAK CURRENT(A)
Trip and Hold Current
vs. RLIMIT
0
1
2
3
4
5
6
0
20
40
60
80 100 120
Trip Current
Hold Current
VIN=3V
VIN=3.3V
VIN=3.6V
VIN=3.9V
40
45
50
55
60
65
70
2.5
3
3.5
4
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com