Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems MP5003 Datasheet HTML 10Page - Monolithic Power Systems MP5003 Datasheet HTML 11Page - Monolithic Power Systems MP5003 Datasheet HTML 12Page - Monolithic Power Systems MP5003 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
11
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
THERMAL PROTECTION
The MP5003 only considers a thermal overload
to be a fault. Under a fault condition the MP5003
will have two actions:
1) Turn off the output power device.
2) Drive the enable/fault pin to the low level.
The power device will remain off until the die
temperature drops below the hysteresis level.
When the die cools down below the thermal
hysteresis level, the MP5003 will restart in the
start up mode and the fault line will be pulled high
through a 25uA pull up current. If the cause of
the fault has been removed, the output will ramp
up in a controlled fashion with the ramp rate
controlled by the dv/dt function. If the cause of
the fault is still present, the excess power
dissipation will heat up the part. When the die
temperature reaches the thermal shutdown
temperature, the output will be turned off and the
enable/fault pin will be driven to the low level.
This cycle will repeat until the cause of the fault is
removed.
Output Voltage
UVLO Threshold
Input Voltage
Output Short (Cause of Fault)
Die Temperature
Thermal Shutdown Temp
Thermal Hysteresis
Fault/Enable Pin
Output Current
Normal operating current
Current Limit
T0
T1
T4
T2
T3
T5
T6
T7
Figure 3―Thermal Protection in Short Condition
The drawing above shows the initial start up
sequence and the occurrence of a short at the
output.
At time T0 the input voltage begins to rise. At T1
the input voltage rises above the UVLO threshold
and the part starts up. The output current ramps
up and settles in at the normal operating current
level until time T2. There is a very small
temperature heating of the die in normal
operation.
At time T2 the output is shorted. This brings the
output very close to ground. The output current
increases to the current limit level and is held
there by the MP5003. Because of the large
current and the large voltage across the power
device, the die will begin to heat up.
At time T3 the die temperature is at the thermal
shutdown level and the part will turn the power
device off. The enable/fault pin is driven to the
low level. Once the power device is off, the die
temperature will begin to drop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com