Electronic Components Datasheet Search
  English  ▼

X  

MP5003 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5003
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5003 Datasheet HTML 5Page - Monolithic Power Systems MP5003 Datasheet HTML 6Page - Monolithic Power Systems MP5003 Datasheet HTML 7Page - Monolithic Power Systems MP5003 Datasheet HTML 8Page - Monolithic Power Systems MP5003 Datasheet HTML 9Page - Monolithic Power Systems MP5003 Datasheet HTML 10Page - Monolithic Power Systems MP5003 Datasheet HTML 11Page - Monolithic Power Systems MP5003 Datasheet HTML 12Page - Monolithic Power Systems MP5003 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
10
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
There are 4 types of faults, and each fault has a
direct and indirect effect on the Enable/Fault pin
and the internal fault flag. In a typical application
where there are multiple MP5003 chips in a
system, the enable/fault lines are typically
connected together.
UNDER VOLTAGE LOCK OUT OPERATION
If the supply (input) is below the UVLO threshold,
the output is disabled, and the fault line is driven
low.
When the supply goes above the UVLO
threshold, the output is enabled and the
Enable/fault
pin
is
released.
When
the
Enable/fault pin is released it will be pulled high
by a 25uA current source. No external pull up
resistor is required. In addition, the pull up
voltage is limited to 5 volts.
Table 3—Fault Function Influence in Application
Fault description
Internal action
Effect on Fault
Pin
Effect on
Flag
Effect on secondary Part
Short/over current
Limit current
none
none
none
Under Voltage
Output is turned off
Internally drives
Enable/Fault pin to
Logic low
Flag is
reset
Secondary part output is
disabled, and fault flag is
reset.
Over Voltage
Limit output voltage
None
None
None
Thermal Shutdown
Shutdown part. The
part retries to start
up automatically
Internally drives
Enable/Fault pin
to low level, and
after part cools
down, Enable/Fault
pin will be pulled
high
Flag is Set
at thermal
shut down,
and is set
to high
after auto
start up.
Secondary part output is
disabled when thermal
shut down, and is enabled
after MP5003 auto start up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com