Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 52 Page - Microsemi Corporation

Part # APA150
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA150 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button APA150 Datasheet HTML 48Page - Microsemi Corporation APA150 Datasheet HTML 49Page - Microsemi Corporation APA150 Datasheet HTML 50Page - Microsemi Corporation APA150 Datasheet HTML 51Page - Microsemi Corporation APA150 Datasheet HTML 52Page - Microsemi Corporation APA150 Datasheet HTML 53Page - Microsemi Corporation APA150 Datasheet HTML 54Page - Microsemi Corporation APA150 Datasheet HTML 55Page - Microsemi Corporation APA150 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 48
v5.2
Global Input Buffer Delays
Table 1-37 • Worst-Case Commercial Conditions
VDDP = 3.0 V, VDD = 2.3 V, TJ = 70°C
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.3
–F
Std.3
–F
GL33
3.3 V, CMOS Input Levels4, No Pull-up Resistor
1.0
1.2
1.1
1.3
ns
GL33S
3.3 V, CMOS Input Levels4, No Pull-up Resistor, Schmitt Trigger
1.0
1.2
1.1
1.3
ns
PECL
PPECL Input Levels
1.0
1.2
1.1
1.3
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. Applies to Military ProASICPLUS devices.
4. LVTTL delays are the same as CMOS delays.
5. For LP Macros, VDDP=2.3 V for delays.
6. All –F parts are only available as commercial.
Table 1-38 • Worst-Case Commercial Conditions
VDDP = 2.3 V, VDD = 2.3 V, TJ = 70°C
Macro Type
Description
Max. tINYH
1
Max. tINYL
2
Units
Std.3
–F
Std.3
–F
GL25LP
2.5 V, CMOS Input Levels4, Low Power
1.1
1.2
1.0
1.3
ns
GL25LPS
2.5 V, CMOS Input Levels4, Low Power, Schmitt Trigger
1.3
1.6
1.0
1.1
ns
Notes:
1. tINYH = Input Pad-to-Y High
2. tINYL = Input Pad-to-Y Low
3. Applies to Military ProASICPLUS devices.
4. LVTTL delays are the same as CMOS delays.
5. For LP Macros, VDDP=2.3 V for delays.
6. All –F parts are only available as commercial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com