Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # APA150
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA150 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button APA150 Datasheet HTML 62Page - Microsemi Corporation APA150 Datasheet HTML 63Page - Microsemi Corporation APA150 Datasheet HTML 64Page - Microsemi Corporation APA150 Datasheet HTML 65Page - Microsemi Corporation APA150 Datasheet HTML 66Page - Microsemi Corporation APA150 Datasheet HTML 67Page - Microsemi Corporation APA150 Datasheet HTML 68Page - Microsemi Corporation APA150 Datasheet HTML 69Page - Microsemi Corporation APA150 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 62
v5.2
Asynchronous Write and Synchronous Read to the Same Location
Note: The plot shows the normal operation status.
Figure 1-38 • Asynchronous Write and Synchronous Read to the Same Location
Table 1-57 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
WBRCLKS
WB
↓ to RCLKS ↑ setup time
–0.1
ns
WBRCLKH
WB
↓ to RCLKS ↑ hold time
7.0
ns
OCH
Old DO valid from RCLKS
↑
3.0
ns
OCA/OCH
displayed
for
Access Timed Output
OCA
New DO valid from RCLKS
↑
7.5
ns
DWRRCLKS
DI to RCLKS
↑ setup time
0
ns
DWRH
DI to WB
↑ hold time
1.5
ns
Notes:
1. This behavior is valid for Access Timed Output and Pipelined Mode Output. The table shows the timings of an Access Timed Output.
2. In asynchronous write and synchronous read access to the same location, the new write data will be read out if the active write
signal edge occurs before or at the same time as the active read clock edge. If WB changes to low after hold time, the data will be
read.
3. A setup or hold time violation will result in unknown output data.
4. All –F speed grade devices are 20% slower than the standard numbers.
* New data is read if WB
↓ occurs before setup time.
The stored data is read if WB
↓ occurs after hold time.
WB = {WRB + WBLKB}
RCLKS
DO
tBRCLKH
New Data*
Last Cycle Data
tWRCKS
tOCH
tOCA
DI
tDWRRCLKS
t
DWRH
tCCYC
t CMH
t CML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com