Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # APA150
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA150 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button APA150 Datasheet HTML 11Page - Microsemi Corporation APA150 Datasheet HTML 12Page - Microsemi Corporation APA150 Datasheet HTML 13Page - Microsemi Corporation APA150 Datasheet HTML 14Page - Microsemi Corporation APA150 Datasheet HTML 15Page - Microsemi Corporation APA150 Datasheet HTML 16Page - Microsemi Corporation APA150 Datasheet HTML 17Page - Microsemi Corporation APA150 Datasheet HTML 18Page - Microsemi Corporation APA150 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-11
Boundary Scan (JTAG)
ProASICPLUS devices are compatible with IEEE Standard
1149.1, which defines a set of hardware architecture and
mechanisms for cost-effective, board-level testing. The
basic ProASICPLUS boundary-scan logic circuit is composed
of the TAP (test access port), TAP controller, test data
registers, and instruction register (Figure 1-12). This
circuit supports all mandatory IEEE 1149.1 instructions
(EXTEST,
SAMPLE/PRELOAD
and
BYPASS)
and
the
optional IDCODE instruction (Table 1-6).
Each test section is accessed through the TAP, which has
five associated pins: TCK (test clock input), TDI and TDO
(test data input and output), TMS (test mode selector)
and TRST (test reset input). TMS, TDI and TRST are
equipped with pull-up resistors to ensure proper
operation when no input data is supplied to them. These
pins are dedicated for boundary-scan test usage. Actel
recommends that a nominal 20 k
Ω pull-up resistor is
added to TDO and TCK pins.
The TAP controller is a four-bit state machine (16 states)
that operates as shown in Figure 1-13 on page 1-12. The
’1’s and ‘0’s represent the values that must be present at
TMS at a rising edge of TCK for the given state transition
to occur. IR and DR indicate that the instruction register
or the data register is operating in that state.
ProASICPLUS devices have to be programmed at least
once for complete boundary-scan functionality to be
available. If boundary-scan functionality is required prior
to programming, refer to online technical support on the
Actel website and search for ProASICPLUS BSDL.
Figure 1-12 • ProASICPLUS JTAG Boundary Scan Test Logic Circuit
Device
Logic
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Bypass Register
Instruction
Register
TAP
Controller
Test Data
Registers
Table 1-6 •
Boundary-Scan Opcodes
Hex Opcode
EXTEST
00
SAMPLE/PRELOAD
01
IDCODE
0F
CLAMP
05
BYPASS
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com