Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # APA150
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA150 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button APA150 Datasheet HTML 10Page - Microsemi Corporation APA150 Datasheet HTML 11Page - Microsemi Corporation APA150 Datasheet HTML 12Page - Microsemi Corporation APA150 Datasheet HTML 13Page - Microsemi Corporation APA150 Datasheet HTML 14Page - Microsemi Corporation APA150 Datasheet HTML 15Page - Microsemi Corporation APA150 Datasheet HTML 16Page - Microsemi Corporation APA150 Datasheet HTML 17Page - Microsemi Corporation APA150 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 10
v5.2
Power-Up Sequencing
While ProASICPLUS devices are live at power-up, the order
of VDD and VDDP power-up is important during system
start-up. VDD should be powered up simultaneously with
VDDP on ProASIC
PLUS devices. Failure to follow these
guidelines may result in undesirable pin behavior during
system start-up. For more information, refer to Actel’s
Power-Up Behavior of ProASICPLUS Devices application
note.
LVPECL Input Pads
In addition to standard I/O pads and power pads,
ProASICPLUS devices have a single LVPECL input pad on
both the east and west sides of the device, along with
AVDD and AGND pins to power the PLL block. The
LVPECL pad cell consists of an input buffer (containing a
low voltage differential amplifier) and a signal and its
complement, PPECL (I/P) (PECLN) and NPECL (PECLREF).
The LVPECL input pad cell differs from the standard I/O
cell in that it is operated from VDD only.
Since it is exclusively an input, it requires no output
signal, output enable signal, or output configuration
bits. As a special high-speed differential input, it also
does not require pull ups. Recommended termination for
LVPECL inputs is shown in Figure 1-10. The LVPECL pad
cell compares voltages on the PPECL (I/P) pad (as
illustrated in Figure 1-11) and the NPECL pad and sends
the results to the global MUX (Figure 1-14 on page 1-14).
This high-speed, low-skew output essentially controls the
clock conditioning circuit.
LVPECLs are designed to meet LVPECL JEDEC receiver
standard levels (Table 1-5).
Figure 1-10 • Recommended Termination for LVPECL Inputs
Figure 1-11 • LVPECL High and Low Threshold Values
Table 1-5 •
LVPECL Receiver Specifications
Symbol
Parameter
Min.
Max
Units
VIH
Input High Voltage
1.49
2.72
V
VIL
Input Low Voltage
0.86
2.125
V
VID
Differential Input Voltage
0.3
VDD
V
+
_
PPECL
NPECL
From LVPECL Driver
Data
Z = 50
Ω
0
Z = 50
Ω
0
R = 100
Ω
2.72
2.125
1.49
0.86
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com