Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 4 Page - Analog Devices

  ADP1650 Datasheet HTML 1Page - Analog Devices ADP1650 Datasheet HTML 2Page - Analog Devices ADP1650 Datasheet HTML 3Page - Analog Devices ADP1650 Datasheet HTML 4Page - Analog Devices ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP1650
Rev. C | Page 4 of 32
Parameter2
Conditions
Min
Typ
Max
Unit
Pass-Through Mode Transition, Flash
VIN to LED_OUT, Entry
1200 mA LED current
580
mV
VIN to LED_OUT, Exit
1200 mA LED current
435
mV
Pass-Through Mode Transition, Torch
VIN to LED_OUT, Entry
200 mA LED current
380
mV
VIN to LED_OUT, Exit
200 mA LED current
285
mV
DIGITAL INPUTS/GPIO
Input Logic Low Voltage
0.54
V
Input Logic High Voltage
1.26
V
GPIO1, GPIO2, STROBE Pull-Down
390
kΩ
Torch Glitch Filtering Delay
From torch rising edge to device start
5.5
7
7.5
ms
INDICATOR LED
LED Current Accuracy
−22
+22
%
Short-Circuit Detection Threshold
1.2
V
Open-Circuit Detection Threshold
2.45
V
ADC
Resolution
4
Bits
Error
External voltage mode
0
±1
LSB
VF mode, TJ = 25°C
±1
LSB
VF mode, TJ = −40°C to +125°C
±1.5
LSB
Input Voltage Range, GPIO2
External voltage mode
0
0. 5
V
SAFETY FEATURES
Maximum Timeout For Flash
1600
ms
Timer Accuracy
−7.0
+7.0
%
DC Current Limit
DC current value setting = 0 (00 binary)
1.35
1.5
1.65
A
DC current value setting = 1 (01 binary)
1.55
1.75
1.95
A
DC current value setting = 2 (10 binary)
1.8
2.0
2.2
A
DC current value setting = 3 (11 binary)
2.02
2.25
2.5
A
Low VBAT Mode Transition Voltage
Error
3.2
%
Hysteresis
50
mV
Coil Peak Current Limit
Peak current value setting = 0 (00 binary)
1.55
1.75
1.95
A
Peak current value setting = 1 (01 binary)
2.02
2.25
2.5
A
Peak current value setting = 2 (10 binary)
2.47
2.75
3.0
A
Peak current value setting = 3 (11 binary)
2.7
3.0
3.3
A
Overvoltage Detection Threshold
5.15
5.5
5.9
V
LED_OUT Short-Circuit Detection
Comparator Reference Voltage
1.2
1.3
V
Thermal Shutdown Threshold
TJ Rising
150
°C
TJ Falling
140
°C
1 VIN is the input voltage to the circuit.
2 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
3 VSW is the voltage on the SW switch pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com