Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices ADP1650 Datasheet HTML 12Page - Analog Devices ADP1650 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADP1650
Rev. C | Page 9 of 32
CH4
CH2
CH2 2V
CH4 500mA Ω
1V
1A Ω
M40µs
A CH1
680mV
4
3
2
1
T 16%
LED_OUT
GPIO1 (TxMASK1)
IBAT
ILED
Figure 12. Exit from TxMASK1 Mode
2.94
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
+125°C
Figure 13. Switching Frequency vs. Supply Voltage (3 MHz Mode)
0
1
2
3
4
5
6
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
Figure 14. Standby Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
0.30.50.70.91.11.31.5
LED CURRENT (A)
VIN = 4.2V
VIN = 3.6V
VIN = 3.4V
VIN = 3.2V
Figure 15. Flash Mode Efficiency vs. LED Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
Figure 16. Voltage Regulation Mode Efficiency vs. Load Current
0
50
100 150 200 250 300 350 400 450 500 550
ADC INPUT VOLTAGE (mV)
0010
0000
0100
0110
1000
1010
1100
1110
1111
Figure 17. ADC External Voltage Mode Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com