Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices ADP1650 Datasheet HTML 12Page - Analog Devices ADP1650 Datasheet HTML 13Page - Analog Devices ADP1650 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1650
Rev. C | Page 10 of 32
0
25
50
75
100
125
150
DIE TEMPERATURE (°C)
0010
0000
0100
0110
1000
1010
1100
1110
1111
Figure 18. ADC Die Temperature Mode Transfer Characteristic
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
LED_OUT VOLTAGE (V)
0010
0000
0100
0110
1000
1010
1100
1110
1111
Figure 19. ADC LED VF Mode Transfer Characteristic
3.710
3.715
3.720
3.725
3.730
3.735
3.740
3.745
3.750
3.755
3.760
–40
10
60
110
VIN = 2.7V
VIN = 3.6V
VIN = 5.0V
TEMPERATURE (°C)
Figure 20. ADC LED VF Mode, Code 1000, Midpoint vs. Temperature
286
287
288
289
290
291
292
293
294
295
–40
10
60
110
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 5V
Figure 21. ADC External Voltage Mode, Code 1000, Midpoint vs. Temperature
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 22. LED Current Accuracy vs. Temperature, ILED = 1200 mA
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 23. LED Current Accuracy vs. Temperature, ILED = 800 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com