Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 23Page - Analog Devices ADP1650 Datasheet HTML 24Page - Analog Devices ADP1650 Datasheet HTML 25Page - Analog Devices ADP1650 Datasheet HTML 26Page - Analog Devices ADP1650 Datasheet HTML 27Page - Analog Devices ADP1650 Datasheet HTML 28Page - Analog Devices ADP1650 Datasheet HTML 29Page - Analog Devices ADP1650 Datasheet HTML 30Page - Analog Devices ADP1650 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP1650
Rev. C | Page 27 of 32
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the 10 μF X5R capacitor has the following
characteristics:
TEMPCO from −40°C to +85°C is 15%.
TOL is 10%.
COUT at VOUT (MAX) = 5 V, is 3 μF, as shown in Figure 44.
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
6.30
5.04
3.78
2.52
DC BIAS VOLTAGE (V)
1.26
0
Figure 44. DC Bias Characteristic of a 3 × 6.3 V, 10 μF Ceramic Capacitor
Substituting these values in the equation yields
CEFF = 3 μF × (1 − 0.15) × (1 − 0.1) = 2.29 μF
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is 3.0 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com