Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 24Page - Analog Devices ADP1650 Datasheet HTML 25Page - Analog Devices ADP1650 Datasheet HTML 26Page - Analog Devices ADP1650 Datasheet HTML 27Page - Analog Devices ADP1650 Datasheet HTML 28Page - Analog Devices ADP1650 Datasheet HTML 29Page - Analog Devices ADP1650 Datasheet HTML 30Page - Analog Devices ADP1650 Datasheet HTML 31Page - Analog Devices ADP1650 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP1650
Rev. C | Page 28 of 32
PCB LAYOUT
Poor layout can affect performance, causing electromagnetic
interference (EMI) and electromagnetic compatibility (EMC)
problems, ground bounce, and power losses. Poor layout can
also affect regulation and stability. Figure 45 shows optimized
layouts implemented using the following guidelines:
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies and large currents.
•
Route the trace from the inductor to the SW pin with as
wide a trace as possible. The easiest path is through the
center of the output capacitor.
•
Route the LED_OUT path away from the inductor and SW
node to minimize noise and magnetic interference.
•
Maximize the size of ground metal on the component side
to help with thermal dissipation.
•
Use a ground plane with two to three vias connecting to the
component side ground near the output capacitor to
reduce noise interference on sensitive circuit nodes.
•
With the LFCSP package, six to eight thermal vias connect
the ground paddle to the main PCB ground plane.
•
Analog Devices applications engineers can be contacted
through the Analog Devices sales team to discuss different
layouts based on system design constraints.
DIGITAL
INPUT/
OUTPUT
Li-ION +
Li-ION +
PGND
C1
L1
INDUCTOR
LED
ANODE
C2
AREA = 16.4mm2
Figure 45. Layout of the ADP1650 Driving a High Power White LED (WLCSP)
C1
ADP1650
Li-ION +
L1
INDUCTOR
PGND
GND
PGND
VOUT
SDA
SCL
GPIO2
GPIO1
STROBE
EN
SW
VOUT
LED_OUT
VIN
C2
Figure 46. Example Layout of the ADP1650 Driving a High Power White LED (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com