Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices ADP1650 Datasheet HTML 12Page - Analog Devices ADP1650 Datasheet HTML 13Page - Analog Devices ADP1650 Datasheet HTML 14Page - Analog Devices ADP1650 Datasheet HTML 15Page - Analog Devices ADP1650 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP1650
Rev. C | Page 12 of 32
THEORY OF OPERATION
The ADP1650 is a high power, I2C programmable white LED
driver ideal for driving white LEDs for use as a camera flash.
The ADP1650 includes a boost converter and a current
regulator suitable for powering one high power white LED.
WHITE LED DRIVER
The ADP1650 drives a synchronous 3 MHz boost converter as
required to power the high power LED. If the sum of the LED
forward voltage and current regulator voltage is higher than
the battery voltage, the boost turns on. If the battery voltage is
higher than the sum of the LED VF and current regulator volt-
age, the boost is disabled and the part operates in pass-through
mode. The ADP1650 uses an integrated PFET high-side current
regulator for accurate brightness control.
MODES OF OPERATION
Once the enable pin is high, the device can be set into the four
modes of operation using the LED_MOD bits in Register 0x04,
via the I2C-compatible interface.
LED_MOD = [00] sets the device in standby mode, consuming
3 μA (typical).
LED_MOD = [01] sets the device in fixed VOUT = 5 V output
mode.
LED_MOD = [10] sets the device in assist light mode with
continuous LED current.
LED_MOD = [11] sets the device in flash mode with current up
to 1.5 A available for up to 1.6 sec.
LED_OUT PIN
PWM
CONTROLLER
PGND
PGND
VOUT
SW
PGND
SGND
VIN
UVLO
OVP
FAULT
REGISTER
IC THERMAL
SENSING
HPLED
SHORT
HPLED
DRIVER
CURRENT
SENSE
CURRENT
SENSE
SCL
STROBE
PGND
PGND
AGND
COUT
10µF
L1
1µF
INPUT VOLTAGE = 2.7V TO 5.0V
CIN
10µF
GPIO1
GPIO2
SDA
TORCH
EN
5.5V
HIGH POWER LED
CURRENT CONTROL
LED_OUT
25mA TO 1.5A
INTERFACE
AND
CONTROL
TXMASK1
TXMASK2
4-BIT
ADC
VIN
ILED
IO2_CFG[7:6]
IO1_CFG[5:4]
2.4V
Figure 26. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com