Electronic Components Datasheet Search
  English  ▼

X  

ADP1650 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1650
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1650 Datasheet HTML 3Page - Analog Devices ADP1650 Datasheet HTML 4Page - Analog Devices ADP1650 Datasheet HTML 5Page - Analog Devices ADP1650 Datasheet HTML 6Page - Analog Devices ADP1650 Datasheet HTML 7Page - Analog Devices ADP1650 Datasheet HTML 8Page - Analog Devices ADP1650 Datasheet HTML 9Page - Analog Devices ADP1650 Datasheet HTML 10Page - Analog Devices ADP1650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP1650
Rev. C | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
PGND
SGND
VIN
SW
GPIO2
GPIO1
VOUT
STROBE
EN
LED_OUT
SDA
SCL
1
A
B
C
D
23
BALL A1
INDICATOR
1
VIN
2
GPIO2
3
GPIO1
4
SDA
5
SCL
10 STROBE
9EN
8SW
7VOUT
6LED_OUT
TOP VIEW
ADP1650
NOTES
1. THE EXPOSED PADDLE MUST BE CONNECTED
TO GROUND.
Figure 4. WLCSP Pin Configuration
Figure 5. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
WLCSP
LFCSP
Mnemonic
Description
A1
N/A1
PGND
Power Ground.
A2
N/A1
SGND
Signal Ground.
A3
1
VIN
Input Voltage for the Device. Connect an input bypass capacitor close to this pin.
B1
8
SW
Boost Switch. Connect the power inductor between SW and the input capacitor.
B2
2
GPIO2
ILED/TX2/ADC. Mode is register selectable. Red indicator LED current source or
TxMASK2 or ADC input.
ILED Mode. Connect to red LED anode. Connect the LED cathode to power ground.
TxMASK2 Mode. Reduces the current to the programmable TxMASK2 current.
ADC Mode. This pin is used as the input pin for the ADC.
B3
3
GPIO1
Torch/TX1. Mode is register selectable. External torch mode or TxMASK1 input.
Torch Mode. Enables the integrated circuit (IC) in direct torch mode.
TxMASK1 Mode. Reduces the flash current to the programmable TxMASK1 current.
C1
7
VOUT
Boost Output. Connect an output bypass capacitor very close to this pin. This is the
output for the 5 V external voltage mode.
C2
10
STROBE
Strobe Signal Input. This pin synchronizes the flash pulse to the image capture. In
most cases, this signal comes directly from the image sensor.
C3
9
EN
Enable. Set EN low to bring the quiescent current (IQ) to <1 μA. Registers are set to
their defaults when EN is brought from low to high.
D1
6
LED_OUT
LED Current Source. Connect this pin to the anode of the flash LED.
D2
4
SDA
I2C Data Signal in I2C Mode.
D3
5
SCL
I2C Clock Signal in I2C Mode.
0
EPAD
Exposed Pad. Connect the exposed pad to the ground plane for the LFCSP version.
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com