Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 22 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 22 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 18Page - AVX Corporation SR218A104FAT Datasheet HTML 19Page - AVX Corporation SR218A104FAT Datasheet HTML 20Page - AVX Corporation SR218A104FAT Datasheet HTML 21Page - AVX Corporation SR218A104FAT Datasheet HTML 22Page - AVX Corporation SR218A104FAT Datasheet HTML 23Page - AVX Corporation SR218A104FAT Datasheet HTML 24Page - AVX Corporation SR218A104FAT Datasheet HTML 25Page - AVX Corporation SR218A104FAT Datasheet HTML 26Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
20
1.14 (.045)
Max.
W
W
L
L
T
T
L.D.
L.D.
L.S.
L.S.
31.7 (1.25)
Min.
31.7 (1.25)
Min.
Style MR05
Styles MR04, MR06,
MR07, MR08
Dimensions: Millimeters (Inches)
HOW TO ORDER
AVX Styles: MR04, MR05, MR06, MR07, MR08
Part Number Example:
MR05
1
A
56
1
J
A
A
AVX Style
Voltage
Dielectric
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
1
Failure Rate
Leads
GENERAL INFORMATION
AVX MR Series
Molded Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
50, 100, 200 Volts
Case Material: Molded Epoxy
Lead Material: Solderable
Part Number Codes
Voltages: 50V = 5, 100V = 1, 200V = 2
Dielectric: C0G (NP0) = A, X7R = C, Z5U = E
Sig. Figures of Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros.
For example, order 560 pF as 561. (For values below 10pF,
use “R” in place of decimal point, e.g., 1R4 = 1.4 pF).
Capacitance Tolerances:
C0G (NP0): D = ±.5pF (<10 pF only), F = ±1.0% (>50 pF only),
G = ±2.0% (>25 pF only), J = ±5%, K = ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Failure Rate: Not Applicable
Leads: A = Standard Solderable
T1 = Trimmed Leads, .230" ± .030"
1
Trimmed lead length for the MR05 style will be
measured from the bend in the lead (seating plane).
MARKING
Marking is as size permits.
(For code identification, see HOW TO ORDER section.)
— AVX
— Capacitance Tolerance
— Voltage Rating
— Temperature Coefficient
— Date Code
— Lot Code
PACKAGING REQUIREMENTS
Bulk Packaging: 1000 pcs. per sealed package except
MR07/MR08 (300 pcs.).
Tape and Reel: Available on MR04, MR05, and MR06
only (2500 pcs./reel).
Ammo Packaging: Available on special request.
Radial Leads/Ceralam®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com