Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 28 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 28 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 24Page - AVX Corporation SR218A104FAT Datasheet HTML 25Page - AVX Corporation SR218A104FAT Datasheet HTML 26Page - AVX Corporation SR218A104FAT Datasheet HTML 27Page - AVX Corporation SR218A104FAT Datasheet HTML 28Page - AVX Corporation SR218A104FAT Datasheet HTML 29Page - AVX Corporation SR218A104FAT Datasheet HTML 30Page - AVX Corporation SR218A104FAT Datasheet HTML 31Page - AVX Corporation SR218A104FAT Datasheet HTML 32Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
26
Two Pin DIP/DIPGuard®
L
SEE
NOTE 1
SEE
NOTE 2
.012
±.004
.325
±.035
.400 max.
T
MAX.
MAX.
H
MAX.
H
.015
.148
±.028
MIN.
.019
± .004
.0575
± .0125
1
2
Note 1 = Leads centered within
±.010"
Note 2 = Angle shall be 95
°, +10°, -5°
.019
±.004
.010 MAX.
60
° TYP.
±20°
±.005
.025
±.002
.123 DIA. THRU 2 HOLES
L
W
T
H
O
H
C
HI
W
C
W
I
W
O
See Table
MARKING
Part Number Example
MD015 E 104MAB
Top of Unit:
A
5
E
104
M
Voltage
Y, 1, or 5
3 Digit Code
For Capacitance
Dielectric
A = C0G (NP0)
C = X7R
E = Z5U
G = Y5V
PACKAGING REQUIREMENTS
Standard Packaging: 200 pieces per slide pack.
Slide Package Dimensions
MD01
MD02
MD03
(HO) Overall Height
.400 ref.
.430 ref.
.545 ref.
(HC) Channel Height
.141 ± .006
.171 ± .006
.295 ± .010
(HI) Inside Height
.350
.380
.495
(WO) Overall Width
.540 ref.
.540 ref.
.600 ref.
(WI) Inside Width
.490
.490
.550
(WC) Channel Width
.210
.210
.170
(WT) Top Width
.350
.310
.300
(L) Length
20.073 ± .06 20.073 ± .06
20.073 ± .06
HOW TO ORDER
AVX Styles: MD01, CKR22*, CKS22**, MD02, CKR23*,
CKS23**, MD03, CKR24*, CKS24**
Part Number Example
MD01
5
E
10
4
M
A
B
AVX Style
Voltage
Temperature Coefficient
Sig. Figures of Capacitance
Multiplier (Additional no. of zeros)
Capacitance Tolerance
Failure Rate Not Applicable
Assembly Method
GENERAL INFORMATION
AVX MD Series
Temperature Coefficients: C0G (NP0), X7R, Z5U, Y5V
50, 100 Volts
For established reliability DIPGuards see MIL-C-39014 section
on pages 47 to 52.
Part Number Codes
Voltages: 16V = Y, 50V = 5, 100V = 1
Temp. Coefficient: C0G (NP0) = A, X7R = C,
Z5U = E, Y5V = G
Sig. Figures Capacitance and Multiplier:
First two digits are the significant figures of capacitance.
Third digit indicates the additional number of zeros. For
example, order 100,000 pF as 104.
Capacitance Tolerances:
C0G (NP0): F = ±1%, J = ±5%, K= ±10%
X7R: J = ±5%, K = ±10%, M = ±20%
Z5U: M = ±20%, Z = +80%, -20%
Y5V: M = ±20%, Z = +80%, -20%
Failure Rate: A = Not Applicable
Assembly Method: A = Hand Assembled,
B = Automated Assembly
* Reference pages 47 to 52.
** Reference page 67.
Tolerance
Code
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com