Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 64 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 64 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 60Page - AVX Corporation SR218A104FAT Datasheet HTML 61Page - AVX Corporation SR218A104FAT Datasheet HTML 62Page - AVX Corporation SR218A104FAT Datasheet HTML 63Page - AVX Corporation SR218A104FAT Datasheet HTML 64Page - AVX Corporation SR218A104FAT Datasheet HTML 65Page - AVX Corporation SR218A104FAT Datasheet HTML 66Page - AVX Corporation SR218A104FAT Datasheet HTML 67Page - AVX Corporation SR218A104FAT Datasheet HTML 68Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
62
MIL-C-20
CC05
CH
100G
FRONT
9910
A0
4222
BACK
CC05 & CC09
CC75, CC76
Date Code
A=Lot Letter
0=1st Digit of AVX FSCM #
4222=Last four digits of
AVX FSCM #
CCR0
5CH1
00GM
FRONT
9910
AJ0
4222
BACK
CCR05 & CCR09
Date Code
A=Lot Letter
J=“J” or “JAN” Brand
0=1st Digit of AVX FSCM #
4222=Last four digits of
AVX FSCM #
CC06
CG
102F
FRONT
9910A
200V
04222
BACK
CC06
Date Code & Lot Letter
200V=Rated Voltage
04222=AVX FSCM #
CCR06
CG102
FM
CG
103
G9
AAVX
Characteristic
Capacitance Value
Cap. Tolerance & Year Code (9 for 1999)
Lot Code & Trademark
CG
101
G99
10AAA
Characteristic
Capacitance Value
Cap. Tolerance & 2 digit Year Code
2 digit Week, 2 digit Lot Code, A for AVX
FRONT
9910A
J200V
04222
BACK
CCR06
CC07
JCG
103
GM9
AAVX
“J” Brand (J) and Characteristic (CG)
Capacitance Value
Cap. Tolerance (G) FR Level (M), & Year Code (9 for 1999)
Lot Code (A); and Trademark (AVX)
“J” Brand (J) and Characteristic (CG)
Capacitance Value
Cap. Tolerance (G) FR Level (M), & 2 digit Year Code
2 digit Week, A for AVX
CCR07
CC08CG
392K
AVX
96095
200V 9910A
Trademark or Manufacturer’s Name
Source Code (FSCM)
Voltage, Date Code and Lot Symbol
CC08
CCR08CG
392KM
JAN AVX
96095
200V 9910A
“JAN” Brand & Trademark or Manufacturer’s Name
Source Code (FSCM)
Voltage, Date Code and Lot Symbol
CCR08
Date Code & Lot Letter
J=“J” or “JAN” Brand
200V=Rated Voltage
04222=AVX FSCM #
CCR75, CCR76
JCG
101
GM99
10AAA
CC77
CC77C
G151F
04222
9910AA
Type Designation
FSCM
4 digit Date Code, 2 digit Lot Code
Type Designation
“J” Brand and FSCM
4 digit Date Code, 2 digit Lot Code
CCR77
CCR77C
G151FM
JO4222
9910AA
Type Designation
Trademark or Manufacturer’s Name
Source Code (FSCM)
Voltage
4 digit Date Code
CC78, CC79
CC78CG
821K
AVX
04222
200V
9910AA
Type Designation
TC
Capacitance Tolerance, Failure Rate
“JAN” Brand, A for AVX
FSCM
Voltage
4 digit Date Code, 2 digit Lot Code
CCR78, CCR79
CCR78
CG
821KM
JAN A
04222
200V
9910AA
Radials
Axials
MARKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com