Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 65 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 65 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 61Page - AVX Corporation SR218A104FAT Datasheet HTML 62Page - AVX Corporation SR218A104FAT Datasheet HTML 63Page - AVX Corporation SR218A104FAT Datasheet HTML 64Page - AVX Corporation SR218A104FAT Datasheet HTML 65Page - AVX Corporation SR218A104FAT Datasheet HTML 66Page - AVX Corporation SR218A104FAT Datasheet HTML 67Page - AVX Corporation SR218A104FAT Datasheet HTML 68Page - AVX Corporation SR218A104FAT Datasheet HTML 69Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
63
Part Number Codes
Voltage-Temperature Limits:
Termination:
HOW TO ORDER
Military Type Designation: Capacitors, Fixed, Ceramic
Dielectric, (Temperature Stable and General Purpose),
High Reliability
MIL-C-123
Lead Capacitors
Symbol
Termination Style
C
Copper, solder coated (type C-4 or C-5 of MIL-STD-1276)
W
Copper clad steel, solder coated, 60 micro inches minimum.
Rated Voltage
Symbol
Volts, DC
B
50
C
100
Cap. Tolerance
Symbol
±
C
0.25pF
D
0.5 pF
E1%
J5%
K
10%
Part Number Example
M123
A
01
BX
B
103
K
C
Mil-Spec Number
Modification Spec.
Slash Sheet Number
Characteristic Temperature
Voltage
Capacitance Code
Capacitance Tolerance
Termination
Capacitance change with reference to 25°C
over temperature range -55°C to +125°C
Symbol
Without Voltage
With Rated DC Voltage
BP
0 ± 30 ppm/°C
0 ± 30 ppm/°C
BX
+15, -15 percent
+15, -25 percent
Rated Voltage:
Capacitance Tolerance:
TEST DESCRIPTION
MIL-C-123
MIL-C-39014
MIL-C-20
MIL-C-55681
NDT
100% Ultrasonic Scan or
No
No
No
(Non-Destructive Test)
Neutron-Radiography
Pre-Cap Visual
100%
No
No
No
(Pre-Encapsulation
Visual Examination)
D.P.A.
Lot by Lot—Pre-Termination
No
No
No
(Destructive Physical Analysis)
Lot by Lot—Finished Product
Pre-Cap
Terminal Strength
Lot by Lot
No
No
No
(Pre-Encapsulation Pull Test)
Life Test
Lot by Lot—1000 Hours
No
No
No
(Lot by Lot)
Low Voltage
Lot by Lot
No
No
No
Humidity
Thermal Shock
Lot by Lot
No
No
No
100 Cycles
CROSS REFERENCE MIL-SPEC TEST REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com