Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 35 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 35 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 31Page - AVX Corporation SR218A104FAT Datasheet HTML 32Page - AVX Corporation SR218A104FAT Datasheet HTML 33Page - AVX Corporation SR218A104FAT Datasheet HTML 34Page - AVX Corporation SR218A104FAT Datasheet HTML 35Page - AVX Corporation SR218A104FAT Datasheet HTML 36Page - AVX Corporation SR218A104FAT Datasheet HTML 37Page - AVX Corporation SR218A104FAT Datasheet HTML 38Page - AVX Corporation SR218A104FAT Datasheet HTML 39Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
33
HOW TO ORDER
AVX Style: MC02
Part Number Example
MC02
Y
C
222
K
A
A
Style
Voltage
Temperature Characteristic
Sig. Figures of Cap. & Mult.
Capacitance Tolerance Code
Failure Rate
Packaging Std.
Axial Leads/Mini-Ceramic Capacitor®
GENERAL DESCRIPTION
AVX’s new mini-ceramic capacitor
(MC02) is only 0.040" thick by 0.050"
wide by 0.100" long, the same size as
AVX’s MINITAN (TMH Series) “W”
case size. This allows the lower value
ceramic multilayer capacitors to fit
into the same designs as the AVX tan-
talum capacitor’s “W” size. It uses the
same solder coated pure nickel lead
wire suitable for either soldering
or welding.
Part Number Codes
Voltages: 6.3V = 6, 16V = Y, 10V = Z
Dielectric: X7R = C, Y5V = G
Sig. Figures of Capacitance and
Multiplier: First two digits are the
significant figures of capacitance.
Third digit indicates the additional
number of zeros. For example,
order 100,000 pF as 104. (For val-
ues below 10 pF, use “R” in place of
decimal point, e.g., 1R4 = 1.4 pF.)
Capacitance Tolerances:
X7R: J = ±5%, K = ±10%,
M = ±20%
Failure Rate: Not Applicable
Packaging Standard:
100 pieces per bag
1.1
(0.040)
Max.
1.3
(0.050)
Max.
.18
±.035
(.007
±.001)
1.3
(0.050)
Max.
0.825
(0.030)
1.1
(0.040)
Max.
1.3
(0.050)
Max.
2.5
(0.100)
Max.
2.5
(0.100)
Max.
2.9
(0.115)
Max.
1.9
(0.075)
Max.
.18
±.035
(.007
±.001)
Dimensions: mm (inch)
MC01
MC02
MC03
1.0
(0.040)
Max.
1.0
(0.040)
Max.
.18
±.035
(.007
±.001)
1.9
(0.075)
Max.
MC04
Cap. in
Typical AVX
pF
Part Nos.
MC02
1000
MC02YC102KAA
1500
MC02YC152KAA
2200
MC02YC222KAA
3300
MC02YC332KAA
4700
MC02YC472KAA
5600
MC02YC562KAA
6800
MC02YC682KAA
8200
MC02YC822KAA
10,000
MC02YC103KAA
15,000
MC02YC153KAA
22,000
MC02YC223KAA
33,000
MC02YC333KAA
47,000
MC02YC473KAA
68,000
MC02YC683KAA
100,000
MC02YC104KAA
150,000
MC026C154KAA
220,000
MC026C224KAA
470,000
MC026C474KAA
1,000,000 MC026C105KAA
Capacitance Specifications
Cap. in
Typical AVX
pF
Part Nos.
MC04
1000
MC04YC102KAA
1500
MC04YC152KAA
2200
MC04YC222KAA
3300
MC04YC332KAA
4700
MC04YC472KAA
5600
MC04YC562KAA
6800
MC04YC682KAA
8200
MC04YC822KAA
10,000
MC04YC103KAA
15,000
MC04YC153KAA
22,000
MC04YC223KAA
33,000
MC046C333KAA
47,000
MC046C473KAA
68,000
MC046C683KAA
100,000
MC046C104KAA
Cap. in
Typical AVX
pF
Part Nos.
MC01
1000 MC01YC102KAR
1500 MC01YC152KAR
2200 MC01YC222KAR
3300 MC01YC332KAR
4700 MC01YC472KAR
5600 MC01YC562KAR
6800 MC01YC682KAR
8200 MC01YC822KAR
10,000 MC01YC103KAR
15,000 MC01YC153KAR
22,000 MC01YC223KAR
33,000 MC016C333KAR
47,000 MC016C473KAR
68,000 MC016C683KAR
100,000 MC016C104KAR
Cap. in
Typical AVX
pF
Part Nos.
MC03
µF
X7R
µF
Y5V
.33 MC03ZC334KAA
2.2 MC03ZG225ZAA
.47 MC03ZC474KAA
1.0
MC03ZC105KAA
1.0
MC03YC105KAA
MARKING
Three digit Capacitance Code
Color coded Capacitance Tolerance:
±5% = Gold Dot
±10% = Silver Dot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com