Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 23 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 23 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 19Page - AVX Corporation SR218A104FAT Datasheet HTML 20Page - AVX Corporation SR218A104FAT Datasheet HTML 21Page - AVX Corporation SR218A104FAT Datasheet HTML 22Page - AVX Corporation SR218A104FAT Datasheet HTML 23Page - AVX Corporation SR218A104FAT Datasheet HTML 24Page - AVX Corporation SR218A104FAT Datasheet HTML 25Page - AVX Corporation SR218A104FAT Datasheet HTML 26Page - AVX Corporation SR218A104FAT Datasheet HTML 27Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
21
Radial Leads/Ceralam®
C0G (NP0)
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
*Length, width and thickness dimensions are ±.254 mm (±.010"). Lead diameter is ±.05 mm (±.002"). Lead spacing is ±.381 mm (±.015").
= Industry preferred values
AVX Style
MR04
MR05
MR06
MR07
MR08
Length*
4.83 (.190")
4.83 (.190")
7.36 (.290")
12.44 (.490")
12.44 (.490")
Width*
4.83 (.190")
4.83 (.190")
7.36 (.290")
12.44 (.490")
12.44 (.490")
Thickness*
2.28 (.090")
2.28 (.090")
2.28 (.090")
3.55 (.140")
6.09 (.240")
Lead Spacing*
2.54 (.100")
5.08 (.200")
5.08 (.200")
10.16 (.400")
10.16 (.400")
Lead Diameter*
.635 (.025")
.635 (.025")
.635 (.025")
.635 (.025")
.635 (.025")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
1.0
MR-----5A1R0DAA
to
9.1
MR-----5A9R1DAA
10
MR-----5A100KAA
12
MR-----5A120KAA
15
MR-----5A150KAA
18
MR-----5A180KAA
22
MR-----5A220KAA
27
MR-----5A270KAA
33
MR-----5A330KAA
39
MR-----5A390KAA
47
MR-----5A470KAA
56
MR-----5A560KAA
68
MR-----5A680KAA
82
MR-----5A820KAA
100
MR-----5A101KAA
120
MR-----5A121KAA
150
MR-----5A151KAA
180
MR-----5A181KAA
220
MR-----5A221KAA
270
MR-----5A271KAA
330
MR-----5A331KAA
390
MR-----5A391KAA
470
MR-----5A471KAA
560
MR-----5A561KAA
680
MR-----5A681KAA
820
MR-----5A821KAA
1000
MR-----5A102KAA
1200
MR-----5A122KAA
1500
MR-----5A152KAA
1800
MR-----5A182KAA
2200
MR-----5A222KAA
2700
MR-----5A272KAA
3300
MR-----5A332KAA
3900
MR-----5A392KAA
4700
MR-----5A472KAA
5600
MR-----5A562KAA
6800
MR-----5A682KAA
8200
MR-----5A822KAA
10,000
MR-----5A103KAA
12,000
MR-----5A123KAA
15,000
MR-----5A153KAA
18,000
MR-----5A183KAA
22,000
MR-----5A223KAA
27,000
MR-----5A273KAA
33,000
MR-----5A333KAA
39,000
MR-----5A393KAA
47,000
MR-----5A473KAA
56,000
MR-----5A563KAA
68,000
MR-----5A683KAA
82,000
MR-----5A823KAA
100,000
MR-----5A104KAA
120,000
MR-----5A124KAA
150,000
MR-----5A154KAA
For trimmed leads see “How To Order”.
For other tolerances see “How To Order”.
For other voltages see “How To Order”.
200
100
50
200
100
50
200
100
50
200
100
50
200
100
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com