Electronic Components Datasheet Search
  English  ▼

X  

SR218A104FAT Datasheet(PDF) 32 Page - AVX Corporation

Part # SR218A104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR218A104FAT Datasheet(HTML) 32 Page - AVX Corporation

Back Button SR218A104FAT Datasheet HTML 28Page - AVX Corporation SR218A104FAT Datasheet HTML 29Page - AVX Corporation SR218A104FAT Datasheet HTML 30Page - AVX Corporation SR218A104FAT Datasheet HTML 31Page - AVX Corporation SR218A104FAT Datasheet HTML 32Page - AVX Corporation SR218A104FAT Datasheet HTML 33Page - AVX Corporation SR218A104FAT Datasheet HTML 34Page - AVX Corporation SR218A104FAT Datasheet HTML 35Page - AVX Corporation SR218A104FAT Datasheet HTML 36Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
30
Axial Leads/SpinGuard®
X7R Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.407
.483
.483
.483
.483
.483
Diameter
(.016")
(.019")
(.019")
(.019")
(.019")
(.019")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
200 100
50
200
100
50
100
50
100
50
100
50
100
50
220
SA102C221KAA
270
SA102C271KAA
330
SA102C331KAA
390
SA102C391KAA
470
SA102C471KAA
560
SA101C561KAA
680
SA101C681KAA
820
SA101C821KAA
1000
SA101C102KAA
1200
SA101C122KAA
1500
SA101C152KAA
1800
SA101C182KAA
2200
SA101C222KAA
2700
SA101C272KAA
3300
SA101C332KAA
3900
SA101C392KAA
4700
SA101C472KAA
5600
SA101C562KAA
6800
SA101C682KAA
8200
SA105C822KAA
10,000
SA105C103KAA
12,000
SA105C123KAA
15,000
SA105C153KAA
18,000
SA105C183KAA
22,000
SA105C223KAA
27,000
SA105C273KAA
33,000
SA105C333KAA
39,000
SA105C393KAA
47,000
SA105C473KAA
56,000
SA115C563KAA
68,000
SA115C683KAA
82,000
SA115C823KAA
100,000
SA115C104KAA
120,000
SA305C124KAA
150,000
SA305C154KAA
180,000
SA305C184KAA
220,000
SA305C224KAA
270,000
SA305C274KAA
330,000
SA305C334KAA
470,000
SA405C474KAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com