Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 11Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 12Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 13Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
Auxiliary Outputs
Characteristic
AWG5014C
AWG5012C
AWG5002C
Markers
Number
Total: 8 (2 per channel)
Total: 4 (2 per channel)
Style
Single ended
Connector
BNC (front panel)
Impedance
50 Ω
Level (into 50 Ω)
Amplitude levels are measured between differential outputs (+) to (–)
Single-ended output amplitude level will be one-half the voltage levels below
Window
–2.0 V to 5.4 V
Amplitude
0.2 Vp-p to 7.4 Vp-p
Resolution
10 mV
Accuracy
±(10% of setting + 120 mV)
Rise/Fall time (20% to 80%)
300 ps (1.0 Vp-p, Hi: 1.0 V, Lo: 0.0 V)
Timing skew
Range
0 to1000ps
Resolution
50 ps
Delay control
Range
0to300 ps
Resolution
1ps
Accuracy
±(5% of setting + 50 ps)
Jitter
Random RMS (typical)
5ps
Total p-p (typical)
80 ps (215 –1 PN patternat10–12 BER)
10 MHz Reference Out
Amplitude
1.2 Vp-p into 50 Ω, maximum 2.5 V open
Connector
BNC (rear panel)
Impedance
50 Ω, AC coupled
Clock Out (VCO)
Range
600 MHz, 1.2 GHz
Amplitude
0.4 Vp-p into 50 Ω to ground
Connector
BNC (rear panel)
Impedance
50 Ω, AC coupled
DC Outputs
Number
4, independently controlled
Range
–3.0 V to 5.0 V
Resolution
10 mV
Accuracy
±(3% of setting + 120 mV)
Connector
2×4 pin header (front panel)
Current (max)
±100 mA
10 www.tektronix.com/awg5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com