Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AWG5002C Datasheet HTML 2Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 3Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
Time Domain Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Data Rate Characteristics
Data Rate
Bit rate is determined as "sample rate / 4 points per cycle", allowing full impairment generation
Bit rate (typical)
300 Mb/s
150 Mb/s
Rise/Fall Time Characteristics
Rise/Fall Time
Rise/Fall time measured at 10% to 90% levels
Tr/Tf
Normal: 1.4 ns
Direct: 0.95 ns
Rise Time Bandwidth
Rise-time bandwidth converted from rise-time (0.34/Tr, assumed Gaussian transition) characteristics
through analog output circuitry and cabling
Tr bandwidth (–1 dB) (typical)
Normal: 140MHz
Direct: 210MHz
Tr bandwidth (–3 dB) (typical)
Normal: 250 MHz
Direct: 370 MHz
Low-pass filter
Normal: Bessel Type, 50 and 100 MHz
Output Amplitude Characteristics
Amplitude
Amplitude levels are measured between differential outputs (+) and (–)
For single-ended output (+) the amplitude level will be one-half the levels below
Range
Normal: 40 mVp-p to 9.0 Vp-p
Direct: 40 mVp-p to 1.2 Vp-p
Resolution
1.0 mV
Accuracy
At 0.5V, withnooffset, ±(2% of amplitude ±2mV)
Offset
Range
Normal: ±2.25 V
Resolution
1.0 mV
Accuracy
At minimum amplitude, ±(2.0% of offset ±10 mV)
6 www.tektronix.com/awg5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com