Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AWG5002C Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 11Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
Characteristic
AWG5014C
AWG5012C
AWG5002C
Harmonic Distortion
Clock: 1.2 GS/s, 14-bit operation
32-point waveform
37.5 MHz output
Normal: 10 dBm (2.0 Vp-p)
Direct: 0 dBm (0.6 Vp-p)
Offset: None
Clock: 0.6 GS/s, 14-bit operation
32-point waveform
18.7 MHz output
Normal: 10 dBm (2.0 Vp-p)
Direct: 0 dBm (0.6 Vp-p)
Offset: None
Harmonics
Normal: <40 dBc
Direct: <49 dBc
Normal: <46 dBc
Direct: <55 dBc
Nonharmonic Distortion
Clock: 1.2 GS/s, 14-bit operation
Frequency: 10 MHz to 480 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
Clock: 0.6 GS/s, 14-bit operation
Frequency: 10 MHz to 240 MHz
Level: 4 dBm (1 Vp-p)
Offset: None
Spurious
<–60 dBc
Phase Noise
Clock: 1.2 GS/s, 14-bit operation
32-point waveform
37.5 MHz output
Amplitude: 10 dBm (2 Vp-p) at 0 offset, < –85 dBc/Hz at 10 kHz offset
Clock: 0.6 GS/s, 14-bit operation
32-point waveform
18.7 MHz output
Amplitude: 10 dBm (2 Vp-p) at 0 offset,
< –85 dBc/Hz at 10 kHz offset
Jitter
Random jitter (typical)
1010 clock pattern
RMS value
Normal: 5.0 ps
Total jitter (typical)
215 – 1 data pattern (at 10–12 BER)
Peak-Peak value
Normal: 150 ps at 0.5 Gb/s
AWG5014C/5012C phase noise (typical).
AWG5002C phase noise (typical).
8 www.tektronix.com/awg5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com