Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AWG5002C Datasheet HTML 1Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 2Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 3Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Arbitrary Waveform Generators — AWG5000 Series
Frequency Domain Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Output Frequency Characteristics
Effective Frequency Output
Fmaximum (specified) is determined as "sample rate / oversampling rate" or "SR/2.5"
Fmaximum
480 MHz
240 MHz
Fmaximum (typical)
540 MHz
275 MHz
Effective Frequency Switching Time
Minimum frequency switching time from selected frequencies F1 to F2 is determined as "1/Fmaximum"
Standard
Ts
2.1 ns
4.2 ns
Ts (typical)
1.8 ns
3.7 ns
Modulation Bandwidth
Modulation bandwidth is a combination of sin(x)/x and rise time bandwidths, defined as the lower of the sin(x)/x
bandwidth or the calculated percentage of rise time bandwidth (as shown)
Mod bandwidth (–1 dB) (typical)
–1 dB BW = 0.932 × (–1 dB TrBW)
Normal: Upto130 MHz
Direct: Upto180 MHz
Normal: Up to 100 MHz
Direct: Up to 130 MHz
Mod bandwidth (–3 dB) (typical)
–3 dB BW = 0.913 × (–3 dB TrBW)
Normal: Upto230 MHz
Direct: Upto300 MHz
Normal: Up to 180 MHz
Direct: Up to 230 MHz
Output Amplitude Characteristics
Amplitude
Amplitude levels are measured as single-ended outputs. Amplitude level will be 3 dBm higher when using differential (both) outputs
Range
Normal: –30 dBm to 17 dBm
Direct: –30 dBmto0dBm
Resolution
0.01 dB
Accuracy
At 0 dBm level, with no offset, ±0.3 dB
Output Flatness
Mathematically corrected for characteristic Sin (x)/x roll-off, uncorrected by external calibration methods
Flatness (typical)
±1.0 dB, from 10 MHz to 480 MHz
Digital Data Out (Option 03)
Number of outputs
14-bit output on Ch1 and Ch2 (28 total)
Output connector
SMB (rear panel), single ended
Output impedance
50 Ω
Digital Data Out Levels (into 50 Ω)
Window
–1.0 V to 2.7 V
Amplitude
0.1 Vp-p to 3.7 Vp-p
Resolution
10 mV
Accuracy
±(10% of setting + 120 mV)
Current (max)
±54 mA per channel
Rise/Fall time (20% to 80%)
300 ps (1.0 Vp-p, Hi: 1.0V,Lo: 0V)
Delay from marker
–41 ns to –82 ns
Skew between outputs
<400 ps
www.tektronix.com/awg5000 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com