Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 10Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 11Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 12Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 13Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 14Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Arbitrary Waveform Generators — AWG5000 Series
Auxiliary Inputs
Characteristic
AWG5014C
AWG5012C
AWG5002C
Trigger / Gate In
Polarity
Pos or Neg
Range
50 Ω:±5 V
1kΩ:±10 V
Jitter (typical)
2.0 ns to 4.5 ns
Connector
BNC (front panel)
Impedance
50 Ω,1 kΩ
Threshold
Level
–5.0 V to 5.0 V
Resolution
0.1 V
Trigger to output uncertainty
Asynchronous (typical)
Between internal/external clock and trigger timing: 2.0 ns to 4.5 ns
Trigger mode
Minimum pulse width
20 ns
Trigger hold-off
160×samplingperiod–200 ns
Delay to output
48 × sampling period + 500 ns
Gated mode
Minimum pulse width
1024 × sampling period + 10 ns
Delay to output
240 × sampling period + 500 ns
Event In
Polarity
Pos or Neg
Range
50 Ω:±5 V
1kΩ:±10 V
Connector
BNC (front panel)
Impedance
50 Ω,1 kΩ
Threshold
Level
–5.0 V to 5.0 V
Resolution
0.1 V
Sequence mode
Minimum pulse width
20 ns
Event hold-off
200 × sampling period + 500 ns
Delay to output
260 × sampling period + 300 ns (Jump timing: asynchronous jump)
External Clock In
Input voltage range
0.2 Vp-p to 0.8 Vp-p, –10 dBm to 2 dBm
Frequency range
600 MHz to 1.2 GHz (acceptable frequency drift of ±5%)
Clock divider
1/1, 1/2, 1/4...1/256
Connector
BNC (rear panel)
Impedance
50 Ω, AC coupled
Fixed Reference Clock In
Input voltage range
0.2 Vp-p to 3.0 Vp-p, –10 dBmto14dBm
Frequency range
10 MHz, 20 MHz, 100 MHz (within ±0.1%)
Connector
BNC (rear panel)
Impedance
50 Ω, AC coupled
www.tektronix.com/awg5000 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com