Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AWG5002C Datasheet HTML 1Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 2Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 3Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
Characteristics
Definitions
Specifications (not noted) – Product characteristics described in terms of specified performance with tolerance limits which are warranted/guaranteed to the customer.
Specifications are checked in the manufacturingprocess andinthe Performance Verification section of the product manual with a direct measurement of the parameter.
Typical (noted) – Product characteristics described in terms of typical performance, but not guaranteed performance. The values given are never warranted, butmostunits
will perform to the level indicated. Typical characteristics are not tested in the manufacturing process or the Performance Verification section of the product manual.
Nominal (noted) – Product characteristics described in terms of being guaranteed by design. Nominal characteristics are non-warranted, so they are not checkedinthe
manufacturing process or the Performance Verification section of the product manual.
AWG5000C Series Specifications
General Characteristics
Characteristic
AWG5014C
AWG5012C
AWG5002C
Digital to Analog Converter
Sample rate
10 MS/s to 1.2 GS/s
10 MS/s to 600 MS/s
Resolution
14 bit
Sin (x)/x Roll-off
Sin(x)/x (–1dB)
300 MHz
150 MHz
Sin(x)/x (–3dB)
520 MHz
260 MHz
4 www.tektronix.com/awg5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com