Electronic Components Datasheet Search
  English  ▼

X  

AWG5002C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AWG5002C
Description  ArbitraryWaveform Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWG5002C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AWG5002C Datasheet HTML 1Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 2Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 3Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 4Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 5Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 6Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 7Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 8Page - List of Unclassifed Manufacturers AWG5002C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet
EVM/Constellation Measurement.
Industry's Best Mixed-signal Stimulus
Solution for Today's Complex Measurement
Challenges
The AWG5000 Series of Arbitrary Waveform Generators delivers the
optimal combination of sample rate, vertical resolution, signal fidelity, and
waveform memory length, all in an easy-to-use self-contained package.
The series offers the industry's best solution to the challenging signal
stimulus issues faced by designers verifying, characterizing, and debugging
sophisticated electronic designs.
Meeting the needs of today's design engineers, the series provides
excellent dynamic range over all modulation bandwidths. AWG5000 Series
models, with a 14-bit DAC, sample rates up to 1.2 GS/s, 2 to 4 output
channels, synchronized 4 to 8 digital marker outputs, and 28 channels of
digital data outputs, easily solve the toughest measurement challenges in
wireless communications, defense electronics, digital consumer product
design, data conversion equipment, test system synchronization, and
semiconductor design and test.
The open windows (Windows 7) based instruments are easy, convenient to
use, and connect with peripherals and other third-party software.
The capabilities of the AWG5000 Series are further enhanced by the
addition of key features:
Equation Editor
The Equation Editor is an ASCII text editor that uses text strings to create
waveforms by loading, editing, and compiling equation files. The editor
provides control and flexibility to create more complex waveforms using
customer-defined parameters.
Waveform Sequencing and Subsequencing
Real-time sequencing creates infinite waveform loops, jumps, and
conditional branches for longer pattern-length generation suitable for
replicating real-world behavior of serial transmitters.
Dynamic Jump
The Dynamic Jump capability enables the creation of complex waveforms
by enabling the ability to dynamically jump to any predefined index in a
waveform sequence. Users can define up to 16 distinct jump indexes that
respond to changing external environments.
LXI Class C
Using the LXI Web Interface, you can connect to the AWG5000 Series
through a standard web browser by simply entering the AWG's IP address
in the address bar of the browser. The web interface enables viewing of
instrument status and configuration, as well as status and modification
of network settings. All web interaction conforms to the LXI Class C
specification.
Wireless I/Q and IF Signal Generation
The AWG5000 Series provides good SFDR over modulation bandwidths up
to 180 MHz, meeting the demands of IQ and IF signal generation.
The RFXpress (RFX100) software package utilizes the raw AWG
performance to simplify the creation of RF signals. Supporting a wide range
of modulation schemes, the software is flexible enough to create either
generic or propriety signals for digital communication systems. Power
ramping, frequency hopping, and impairments can easily be added to
generate the desired signal.
Radar Signal Creation is a software module for RFXpress that gives you
the ultimate flexibility in creating pulsed radar waveforms. It gives you the
ability to build your own radar pulse suite starting from pulse-to-pulse trains
to pulse groups. It supports a variety of modulation schemes including LFM,
Barker and Polyphase Codes, User-defined Codes, Step FM, Nonlinear FM,
User-defined FM, and Custom modulation. It also has the ability to generate
pulse trains with staggered PRI to resolve range and doppler ambiguity,
frequency hopping for Electronic Counter-Counter Measures (ECCM),
and pulse-to-pulse amplitude variation to simulate Swerling target models
including antenna scan patterns, clutter, and multipath effects. RFXpress is
a powerful easy-to-use software package to synthesize IQ and IF signals for
arbitrary waveform generators. It runs as an integral part of the AWG5000
Series or from an external PC.
2 www.tektronix.com/awg5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com