Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 17 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 17 Page - AMIC Technology

Back Button 29400 Datasheet HTML 13Page - AMIC Technology 29400 Datasheet HTML 14Page - AMIC Technology 29400 Datasheet HTML 15Page - AMIC Technology 29400 Datasheet HTML 16Page - AMIC Technology 29400 Datasheet HTML 17Page - AMIC Technology 29400 Datasheet HTML 18Page - AMIC Technology 29400 Datasheet HTML 19Page - AMIC Technology 29400 Datasheet HTML 20Page - AMIC Technology 29400 Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
17
AMIC Technology, Inc.
DC Characteristics
TTL/NMOS Compatible
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Load Current
VIN = VSS to VCC. VCC = VCC Max
±1.0
µA
ILIT
A9, OE &RESET Input Load Current
VCC = VCC Max,
A9, OE & RESET=12.5V
100
µA
ILO
Output Leakage Current
VOUT = VSS to VCC. VCC = VCC Max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE = VIL, OE = VIH
20
30
mA
ICC2
VCC Active Write (Program/Erase)
Current (Notes 2, 3, 4)
CE = VIL, OE =VIH
30
40
mA
ICC3
VCC Standby Current (Note 2)
CE = VIH, RESET= VCC ± 0.5V
0.4
1.0
mA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
2.0
VCC+0.5
V
VID
Voltage for Autoselect and
Temporary Unprotect Sector
VCC = 5.25 V
10.5
12.5
V
VOL
Output Low Voltage
IOL = 12mA, VCC = VCC Min
0.45
V
VOH
Output High Voltage
IOH = -2.5 mA, VCC = VCC Min
2.4
V
CMOS Compatible
Parameter
Symbol
Parameter Description
Test Description
Min.
Typ.
Max.
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC Max
±1.0
µA
ILIT
A9, OE & RESET Input Load Current
VCC = VCC Max,
A9, OE & RESET= 12.5V
50
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC Max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1,2)
CE = VIL, OE = VIH
20
30
mA
ICC2
VCC Active Program/Erase Current
(Notes 2,3,4)
CE = VIL, OE = VIH
30
40
mA
ICC3
VCC Standby Current (Notes 2, 5)
CE = RESET = VCC ± 0.5 V
1
5
µA
VIL
Input Low Level
-0.5
0.8
V
VIH
Input High Level
0.7 x VCC
VCC+0.3
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 5.25 V
10.5
12.5
V
VOL
Output Low Voltage
IOL = 12.0 mA, VCC = VCC Min
0.45
V
VOH1
IOH = -2.5 mA, VCC = VCC Min
0.85 x VCC
V
VOH2
Output High Voltage
IOH = -100
µA. VCC = VCC Min
VCC-0.4
V
Notes for DC characteristics (both tables):
1. The ICC current listed includes both the DC operation current and the frequency dependent component (at 6 MHz).
The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. Maximum ICC specifications are tested with VCC = VCC max.
3. ICC active while Embedded Algorithm (program or erase) is in progress.
4. Not 100% tested.
5. For CMOS mode only, ICC3 = 20
µA max at extended temperatures (> +85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com