Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 2 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 2 Page - AMIC Technology

  29400 Datasheet HTML 1Page - AMIC Technology 29400 Datasheet HTML 2Page - AMIC Technology 29400 Datasheet HTML 3Page - AMIC Technology 29400 Datasheet HTML 4Page - AMIC Technology 29400 Datasheet HTML 5Page - AMIC Technology 29400 Datasheet HTML 6Page - AMIC Technology 29400 Datasheet HTML 7Page - AMIC Technology 29400 Datasheet HTML 8Page - AMIC Technology 29400 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
2
AMIC Technology, Inc.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 ( Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data
contents of other sectors. The A29400 is fully erased when
shipped from the factory.
The hardware sector protection feature disables operations
for both program and erase in any combination of the
Pin Configurations
sectors of memory. This can be achieved via programming
equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program
data to, any other sector that is not selected for erasure.
True background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.
The hardware RESET pin terminates any operation in
progress and resets the internal state machine to reading
array data.
n SOP
n TSOP (I)
RY/BY
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
I/O0
I/O14
I/O8
I/O7
I/O15 (A-1)
VSS
BYTE
A16
A15
A14
A12
A11
A10
WE
A8
A9
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
NC
RESET
17
18
19
20
21
22
28
27
26
25
24
23
I/O1
I/O9
I/O2
I/O10
I/O3
I/O11
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
A29400V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
NC
WE
RESET
NC
NC
RY/BY
NC
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
I/O2
I/O10
I/O3
I/O11
VCC
I/O4
I/O12
I/O5
I/O13
I/O6
I/O14
I/O7
I/O15 (A-1)
VSS
BYTE
A16
A15
NC
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
I/O9
I/O1
I/O8
I/O0
OE
VSS
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com