Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 26 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 26 Page - AMIC Technology

Back Button 29400 Datasheet HTML 22Page - AMIC Technology 29400 Datasheet HTML 23Page - AMIC Technology 29400 Datasheet HTML 24Page - AMIC Technology 29400 Datasheet HTML 25Page - AMIC Technology 29400 Datasheet HTML 26Page - AMIC Technology 29400 Datasheet HTML 27Page - AMIC Technology 29400 Datasheet HTML 28Page - AMIC Technology 29400 Datasheet HTML 29Page - AMIC Technology 29400 Datasheet HTML 30Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
26
AMIC Technology, Inc.
Timing Waveforms for Toggle Bit (During Embedded Algorithms)
Note: VA = Valid Address; not required for I/O6. Illustration shows first two status cycle after command sequence, last
status read cycle, and array data read cycle.
Addresses
CE
OE
WE
I/O6 , I/O2
tRC
VA
VA
VA
Valid Status
tACC
tCE
tCH
tOE
tOEH
tDF
tOH
VA
Valid Status
Valid Status
Valid Data
(first read)
(second read)
(stop togging)
RY/BY
tBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com