Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 22 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 22 Page - AMIC Technology

Back Button 29400 Datasheet HTML 18Page - AMIC Technology 29400 Datasheet HTML 19Page - AMIC Technology 29400 Datasheet HTML 20Page - AMIC Technology 29400 Datasheet HTML 21Page - AMIC Technology 29400 Datasheet HTML 22Page - AMIC Technology 29400 Datasheet HTML 23Page - AMIC Technology 29400 Datasheet HTML 24Page - AMIC Technology 29400 Datasheet HTML 25Page - AMIC Technology 29400 Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
22
AMIC Technology, Inc.
AC Characteristics
Erase and Program Operations
Parameter
Speed
JEDEC
Std
Description
-55
-70
-90
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
55
70
90
ns
tAVWL
tAS
Address Setup Time
Min.
0
ns
tWLAX
tAH
Address Hold Time
Min.
45
45
45
ns
tDVWH
tDS
Data Setup Time
Min.
25
30
45
ns
tWHDX
tDH
Data Hold Time
Min.
0
ns
tOES
Output Enable Setup Time
Min.
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
( OE high to WE low)
Min.
0
ns
tELWL
tCS
CE Setup Time
Min.
0
ns
tWHEH
tCH
CE Hold Time
Min.
0
ns
tWLWH
tWP
Write Pulse Width
Min.
30
35
45
ns
Min.
20
ns
tWHWL
tWPH
Write Pulse Width High
Max.
50
µs
Byte
Typ.
7
tWHWH1
tWHWH1
Byte Programming Operation
(Note 2)
Word
Typ.
12
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
1
sec
tvcs
VCC Set Up Time (Note 1)
Min.
50
µs
tRB
Recovery Time from RY/
BY
Min
0
ns
tBUSY
Program/Erase Valid to RY/
BY Delay
Min
30
30
35
ns
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com