Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 24 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 24 Page - AMIC Technology

Back Button 29400 Datasheet HTML 20Page - AMIC Technology 29400 Datasheet HTML 21Page - AMIC Technology 29400 Datasheet HTML 22Page - AMIC Technology 29400 Datasheet HTML 23Page - AMIC Technology 29400 Datasheet HTML 24Page - AMIC Technology 29400 Datasheet HTML 25Page - AMIC Technology 29400 Datasheet HTML 26Page - AMIC Technology 29400 Datasheet HTML 27Page - AMIC Technology 29400 Datasheet HTML 28Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
24
AMIC Technology, Inc.
Addresses
CE
OE
WE
Data
VCC
55h
30h
tWC
SA
Erase Command Sequence (last two cycles)
VA
Complete
VA
In
Progress
tAS
tVCS
Read Status Data
2AAh
tAH
tWHWH2
tCH
tGHWL
tWP
tWPH
tCS
tDS
tDH
Note :
1. SA = Sector Address (for Sector Erase), VA = Valid Address for reading status data (see "Write Operaion Ststus").
2. Illustratin shows device in word mode.
555h for chip erase
10h for chip erase
tRB
tBUSY
RY/BY
Timing Waveforms for Chip/Sector Erase Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com