Electronic Components Datasheet Search
  English  ▼

X  

29400 Datasheet(PDF) 4 Page - AMIC Technology

Part # 29400
Description  512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

29400 Datasheet(HTML) 4 Page - AMIC Technology

  29400 Datasheet HTML 1Page - AMIC Technology 29400 Datasheet HTML 2Page - AMIC Technology 29400 Datasheet HTML 3Page - AMIC Technology 29400 Datasheet HTML 4Page - AMIC Technology 29400 Datasheet HTML 5Page - AMIC Technology 29400 Datasheet HTML 6Page - AMIC Technology 29400 Datasheet HTML 7Page - AMIC Technology 29400 Datasheet HTML 8Page - AMIC Technology 29400 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
A29400 Series
PRELIMINARY
(February, 2001, Version 0.1)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
Ambient Operating Temperature . . . . . -55
°C to + 125°C
Storage Temperature . . . . . . . . . . . . . . -65
°C to + 125°C
Ground to VCC . . . . . . . . . . . . . . . . . . . . . . -2.0V to 7.0V
Output Voltage (Note 1) . . . . . . . . . . . . . . . -2.0V to 7.0V
A9, OE & RESET (Note 2) . . . . . . . . . . . -2.0V to 12.5V
All other pins (Note 1) . . . . . . . . . . . . . . . . . -2.0V to 7.0V
Output Short Circuit Current (Note 3) . . . . . . . . . . 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V.
During voltage transitions, inputs may undershoot VSS
to -2.0V for periods of up to 20ns. Maximum DC
voltage on output and I/O pins is VCC +0.5V. During
voltage transitions, outputs may overshoot to VCC
+2.0V for periods up to 20ns.
2. Minimum DC input voltage on A9 pins is -0.5V. During
voltage transitions, A9, OE and RESET may overshoot
VSS to -2.0V for periods of up to 20ns. Maximum DC
input voltage on A9 and OE is +12.5V which may
overshoot to 13.5V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration
of the short circuit should not be greater than one
second.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . 0
°C to +70°C
VCC Supply Voltages
VCC for
± 10% devices . . . . . . . . . . . . . . +4.5V to +5.5V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself
does not occupy any addressable memory location. The
register is composed of latches that store the commands,
along with the address and data information needed to
execute the command. The contents of the register serve
as inputs to the internal state machine. The state machine
outputs dictate the function of the device. The appropriate
device bus operations table lists the inputs and control
levels required, and the resulting output. The following
subsections describe each of these operations in further
detail.
Table 1. A29400 Device Bus Operations
I/O8 - I/O15
Operation
CE
OE
WE
RESET
A0 - A17
I/O0 - I/O7
BYTE =VIH
BYTE =VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
VCC
± 0.5 V
X
X
VCC
± 0.5 V
X
High-Z
High-Z
High-Z
TTL Standby
H
X
X
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary Sector
Unprotect (See Note)
X
X
X
VID
AIN
DIN
DIN
X
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0
± 0.5V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note:
See the "Sector Protection/Unprotection" section and Temporary Sector Unprotect for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com