Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 8 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 8 Page - ams AG

Back Button AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG AS3691 Datasheet HTML 10Page - ams AG AS3691 Datasheet HTML 11Page - ams AG AS3691 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
7 - 22
6.3 Electrical Characteristics
Table
5 – Analog Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
0.9
15.0
V
at 400mA; total power dissipation
limit PT must not be exceeded
VCURR
Current Source CURR1 to
CURR4 Voltage Compliance
0.41
15.0
V
at 100mA
ICURR
Current Source Range
10
400
(1)
mA
ONx = high
ICURRx = 250mV / Rix (x=1...4)
-0.5
+0.5
%
@25C TJUNCTION, excluding
variation of external resistors;
V(CURRx) <= 4.0V
ICURR,
TOL
Current Source Tolerance
-1.5
+1.5
%
-20°C to +100°C
(2) TJUNCTION,
-20°C to +85°C TAMB, excluding
variation of external resistors;
V(CURRx) <= 4.0V
VC
Automatic Supply Regulation
compare voltage
1.0
V
See section ‘Automatic Supply
Regulation’
VC,GAIN
Automatic Supply Regulation
gain
2.0
mA/V
Voltage to current ratio; output
current range typ 0 to 200uA
1.0
mA V(CURRx) <= 15V
I1-4
Parallel Current
0.1
mA V(CURRx) <= 5.0V
TOVTEMP
Overtemperature Limit
140
°C Maximum junction temperature
Notes:
1.
To obtain higher currents connect more than one current source in parallel
2.
Accuracy at +100°C guaranteed by design and verified by laboratory characterization
Table
6 – Digital Input pins characteristics for pins ON1, ON2, ON3 and ON4
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIH
High Level Input voltage
2.3
VREG
V
VIL
Low Level Input voltage
0.0
0.9
V
RPU
Pullup resistor
70
k
Ω
Internal pullup resistor R1 to R4 to
VREG
fON
Input Frequency Range
0
20
kHz
This defines the actual input
frequency seen on the input ON1
to ON4; the basic frequency to
generate the PWM signal is not
limited by this parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com