Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 10 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 10 Page - ams AG

Back Button AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG AS3691 Datasheet HTML 10Page - ams AG AS3691 Datasheet HTML 11Page - ams AG AS3691 Datasheet HTML 12Page - ams AG AS3691 Datasheet HTML 13Page - ams AG AS3691 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
9 - 22
Figure
7 – Output Currnent versus Temperature, V(CURR1) = 2.0V, Ri1 = 2.5
Ω (Note: temperature coefficient of Ri1 = -200ppm/°C)
Figure
8 – Cross coupling of pwm on CURR1 to CURR2; I(CURR1) = 100mA to 4mA, I(CURR2) = 100mA; AS3691A
98
99
100
101
102
0
102030
405060
70
Temperature [C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com