Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 16 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 16 Page - ams AG

Back Button AS3691 Datasheet HTML 12Page - ams AG AS3691 Datasheet HTML 13Page - ams AG AS3691 Datasheet HTML 14Page - ams AG AS3691 Datasheet HTML 15Page - ams AG AS3691 Datasheet HTML 16Page - ams AG AS3691 Datasheet HTML 17Page - ams AG AS3691 Datasheet HTML 18Page - ams AG AS3691 Datasheet HTML 19Page - ams AG AS3691 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
15 - 22
A typical AS3691 for single color leds can be done as follows using automatic supply regulation (feedback path
UV):
Figure
15 – Typical AS3691 system for single color leds and supply regulation loop; serveral AS3691 can be cascaded
Note: Csup (100nF) is only required, if there are long wires (>0.3m) between the DCDC converter and the
AS3691. The wire length between the Csup capacitor and the CURRx pin on AS3691 should not exceed 0.3m.
If this cannot be guaranteed, add additional capacitors of 100nF to the pins CURRx.
9.1 Design Example
Assume a single color leds application (4 times 3 leds in series, each 100mA with Uf ranging from Ufmin=3.2V to
Ufmax = 3.8V) with a fixed supply. First choose the external current set resistor with the following formula:
So for a current of 100mA, use a resistor of 2.5
Ω; 1/8W rated resistors are suitable (even up to 400mA).
Then calculate the required voltage of the power supply. The minimum voltage on the current sink for
guaranteed operation is 0.41V (VCURR @100mA) and the maximum forward voltage of the LEDs is assumed to
be Ufmax = 3.8V. Therefore 3*3.8V + 0.41V = 11.81V.
As this is the required minimum voltage of the power supply, add all the tolerances on top. Assumed +/-10%
supply tolerance results in a power supply with nominal 13V (to have at least 11.81V in worst case).
Using the following formula to calculate the external shunt resistor
obtains 2564
Ω. The nearest lower(!) available value is 2.4kΩ. For Cvdd use
Csup (100nF) is only required, if there are long connections between the DCDC converter and the AS3691
(>0.3m). The wire length between the Csup capacitor and the CURRx pin on AS3691 should not exceed 0.3m. If
this cannot be guaranteed, add additional capacitors of 100nF to the pins CURRx.
4
1
4
1
250
−
− =
ICURR
mV
Ri
mA
V
VDD
IVREG
VREGINT
VDD
Rvdd
MIN
MAX
MAX
MIN
5
.
2
4
.
5
−
=
−
=
nF
Cvdd
100
=
VDDMIN is the minimum voltage of the
power supply, where Rvdd is connected
UV
VDD
Voltage Feedback
input for DCDC
DCDC Converter
for VDD
Overtemp
AS3691
D1
Vc
Vc
Vc
Vc
...
...
...
Main
supply
PWM
VSS
PWM
(optional)
5V powered
system
(optional)
Overtemp
AS3691
D1
...
Csup
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com