Electronic Components Datasheet Search
  English  ▼

X  

AS3691 Datasheet(PDF) 6 Page - ams AG

Part # AS3691
Description  4 Precision 400mA Current Sources for RGB and Single Color Leds
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3691 Datasheet(HTML) 6 Page - ams AG

Back Button AS3691 Datasheet HTML 2Page - ams AG AS3691 Datasheet HTML 3Page - ams AG AS3691 Datasheet HTML 4Page - ams AG AS3691 Datasheet HTML 5Page - ams AG AS3691 Datasheet HTML 6Page - ams AG AS3691 Datasheet HTML 7Page - ams AG AS3691 Datasheet HTML 8Page - ams AG AS3691 Datasheet HTML 9Page - ams AG AS3691 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AS3691
Datasheet
www.austriamicrosystems.com (ptr)
Revision 2.3
5 - 22
Pin Number
QFN
Package
Pin Number
ePTSSOP
Package
Pin Name
Type
Description
7
16
ON4
DI
Current source CURR4 control; internal pullup
resistor to VREG (can be left open, if CURR4 is
always switched on)
High … 100% Current
Low … 5% Current
8
17
UV4
AO
Automatic supply regulation for CURR4; if not
used, leave open
9
18
TEST
AI
Digital Test input; Leave open or connect to
VSS; internal pulldown to VSS
10
19
UV3
AO
Automatic supply regulation for CURR3; if not
used, leave open
11
20
ON3
DI
Current source CURR3 control; internal pullup
resistor to VREG (can be left open, if CURR3 is
always switched on)
High … 100% Current
Low … 5% Current
12
21
RES3
AI/O
Connect to current set resistor R3
13
22
CURR3
AI/O
Current Source 3 Output
14
23
RFB3
AI
Connect to current set resistor R3 directly at
resistor itself
15
24
VREG
S
Shunt regulator supply; connect to Rvdd and
Cvdd
16
1
RFB2
AI
Connect to current set resistor R2 directly at
resistor itself
17
2
CURR2
AI/O
Current Source 2 Output
18
3
RES2
AI/O
Connect to current set resistor R2
19
4
ON2
DI
Current source CURR2 control; internal pullup
resistor to VREG (can be left open, if CURR2 is
always switched on)
High … 100% Current
Low … 5% Current
20
5
UV2
AO
Automatic supply regulation for CURR2; if not
used, leave open
21
6
VSS
S
VSS Supply connection
22
7
UV1
AO
Automatic supply regulation for CURR1; if not
used, leave open
23
8
ON1
DI
Current source CURR1 control; internal pullup
resistor to VREG (can be left open, if CURR1 is
always switched on)
High … 100% Current
Low … 5% Current
24
9
RES1
AI/O
Connect to current set resistor R1
Pad
Pad
VSS
S
VSS Supply connection; add as many vias to
ground plane as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com